Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8103 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8103
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8103 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8103 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8103 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8103 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8103 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8103 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8103 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8103 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8103
2006-11-16
4
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
−4
−6
−8
−10
Common source
VDS = −10 V
Pulse test
0
−40
−60
−80
−100
−20
0
−2
100
Ta
= −55°C
25
0.1
−0.1
−1
−10
−100
1
10
100
Common source
VDS = −10 V
Pulse test
Ta
= −55°C
100
25
0
−10
−20
−30
−40
−50
−2
−3
−4
−5
0
−1
0
0
−10
−8
−6
−4
−2.8
−3
−2.6
−2.2
−2.4
VGS = −2 V
Common source
Ta
= 25°C
Pulse test
−0.4
−0.6
−0.8
−1.0
0
−40
−60
−80
−100
−20
0
−0.2
−3.2
−6
−8
−10
−3.1
−4
−3.0
−2.6
VGS = −2.4 V
−2.8
Common source
Ta
= 25°C
Pulse test
−8
−12
−16
−20
0
−0.2
−0.3
−0.4
−0.5
−0.1
0
−4
ID = −40 A
−10
−20
Common source
Ta
= 25°C
Pulse test
−100
0.1
−0.1
−1
−10
1
10
100
−10
VGS = −4 V
Common source
Ta
= 25°C
Pulse test


Similar Part No. - TPCA8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8103 TOSHIBA-TPCA8103 Datasheet
254Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
logo
VBsemi Electronics Co.,...
TPCA8103 VBSEMI-TPCA8103 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPCA8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com