Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1642-100 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1642-100
Description  Nonvolatile Timekeeping RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1642-100 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1642-100 Datasheet HTML 1Page - Maxim Integrated Products DS1642-100 Datasheet HTML 2Page - Maxim Integrated Products DS1642-100 Datasheet HTML 3Page - Maxim Integrated Products DS1642-100 Datasheet HTML 4Page - Maxim Integrated Products DS1642-100 Datasheet HTML 5Page - Maxim Integrated Products DS1642-100 Datasheet HTML 6Page - Maxim Integrated Products DS1642-100 Datasheet HTML 7Page - Maxim Integrated Products DS1642-100 Datasheet HTML 8Page - Maxim Integrated Products DS1642-100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 11
FEATURES
 Integrated NV SRAM, Real-Time Clock,
Crystal, Power-Fail Control Circuit, and
Lithium Energy Source
 Standard JEDEC Bytewide 2k x 8 Static
RAM Pinout
 Clock Registers are Accessed Identically to
the Static RAM. These Registers are
Resident in the Eight Top RAM Locations
 Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
 Access Times of 85ns and 100ns
 Quartz Accuracy ±1 Minute a Month at
+25°C, Factory Calibrated
 BCD-Coded Year, Month, Date, Day, Hours,
Minutes, and Seconds with Leap Year
Compensation Valid Up to 2100
 Power-Fail Write Protection Allows for
±10% VCC Power Supply Tolerance
 Lithium Energy Source is Electrically
Disconnected to Retain Freshness Until
Power is Applied for the First Time
 UL Recognized
PIN CONFIGURATION
ORDERING INFORMATION
PART
VOLTAGE
RANGE
(V)
TEMP RANGE
PIN-PACKAGE TOP MARK
DS1642-85+
5.0
0°C to +70°C
24 EDIP (0.720a)
DS1642+85
DS1642-100+
5.0
0°C to +70°C
24 EDIP (0.720a)
DS1642+100
+Denotes a lead(Pb)-free/RoHS-compliant package.
A “+" indicates a lead(Pb)-free product. The top mark will include a “+” symbol on lead-free devices.
DS1642
Nonvolatile Timekeeping RAM
www.maxim-ic.com
VCC
A8
A9
WE
OE
A10
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
CE
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DS1642
ENCAPSULATED DIP
TOP VIEW
19-5266; Rev 5/10


Similar Part No. - DS1642-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1642-100 DALLAS-DS1642-100 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1642-100 ARTSCHIP-DS1642-100 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
More results

Similar Description - DS1642-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
   Nonvolatile Timekeeping RAM
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
   Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
   Nonvolatile Timekeeping RAM?
DS1647 DALLAS-DS1647 Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com