Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2422S Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2422S
Description  1-Wire Temperature/Datalogger with 8KB Datalog Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2422S Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2422S Datasheet HTML 2Page - Maxim Integrated Products DS2422S Datasheet HTML 3Page - Maxim Integrated Products DS2422S Datasheet HTML 4Page - Maxim Integrated Products DS2422S Datasheet HTML 5Page - Maxim Integrated Products DS2422S Datasheet HTML 6Page - Maxim Integrated Products DS2422S Datasheet HTML 7Page - Maxim Integrated Products DS2422S Datasheet HTML 8Page - Maxim Integrated Products DS2422S Datasheet HTML 9Page - Maxim Integrated Products DS2422S Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
DS2422
6 of 49
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VPAD
Operating voltage of the serial interface pads CNVST, SCLK, SDATA. Used for
level translation from the VBAT-powered internal logic to the 5V-powered ADC.
Connect to VBAT if the serial interface is not used.
2
SCLK
Serial clock signal for serial interface. May connect directly to the corresponding
MAX1086 pin. The idle state for the pin is low.
3
SDATA
Serial data pin for the serial interface. May connect directly to the DOUT pin of
MAX1086. The pin includes a weak pulldown and therefore has an idle state of low.
4
CNVST
Conversion Start control signal for the MAX1086. The idle state for the pin is low.
9
AGND
Analog ground. Ground reference for external ADC and charge pump.
10
X1
First of two crystal pins for the real time clock crystal. A standard 6pF 32KHz crystal
is used. The accuracy of the device's real time clock is largely dependent on the
temperature characteristics of the crystal. Trace length from the device to the crystal
should be minimized to reduce their capacitive effect.
11
ALARM
Logic open-drain output with 215
 maximum on-resistance, operating range 0V to
5.25V. Power-on default is OFF.
12
X2
Second of two crystal pins for the real time clock crystal.
13
IO
1-Wire communication line, data input and output. This pin also charges the internal
parasitic power cap that allows the 1-Wire front end of the device to run without VBAT
supply.
14
GND
Common ground supply for the device and VBAT.
16
TEST_SPLY
Connect to GND (test pin)
21
TEST_RX
Connect to GND (test pin)
22
PUMP_ONZ
Signal to control an external charge-pump. The signal polarity is designed to fit to
the MAX619 charge pump/regulator.
23
VBAT
3V power supply for the device, typically a battery. This pin supplies power to all
parts of the device except for the 1-Wire front end.
24
TEST_CG
Do not connect (test pin)
9 pins
NC
Not connected
DESCRIPTION
The DS2422 temperature/data logger combines the core functions of a fully featured data logger in a single chip. It
includes a temperature sensor, RTC, memory, 1-Wire interface, and serial interface for an analog-to-digital
converter (ADC) as well as control circuitry for a charge pump. The ADC and the charge pump are peripherals that
can be added to build application-specific data loggers. Without external ADC, the DS2422 functions as a
temperature logger only. The DS2422 measures the temperature and/or reads the ADC at a user-defined rate. A
total of 8192 8-bit readings or 4096 16-bit readings taken at equidistant intervals ranging from 1 second to 273
hours can be stored. In addition to this, there are 512 bytes of SRAM for storing application specific information and
64 bytes for calibration data. A mission to collect data can be programmed to begin immediately, after a user-
defined delay, or after a temperature alarm. Access to the memory and control functions can be password-
protected. The DS2422 is configured and communicates with a host computing device through the serial 1-Wire
protocol, which requires only a single data lead and a ground return. Every DS2422 is factory-lasered with a
guaranteed unique 64-bit registration number that allows for absolute traceability. The extremely low energy con-
sumption in conjunction with its high level of programmability makes the DS2422 the ideal choice for low-cost data
loggers that can take millions of measurements from the energy of a single 3V button cell.
APPLICATION
The DS2422 allows the design of data loggers or monitors with a minimum number of components. The simple
circuit of Figure 1 can monitor body or room temperature with 0.0625°C resolution. For very high temperature-
monitoring applications, a thermocouple can be connected to the analog-to-digital converter (ADC) through a pre-
amplifier, as shown in Figure 2. The internal temperature sensor of the DS2422 keeps track of the reference
temperature, which is needed to accurately convert the voltage reading of the thermocouple into the actual
temperature of the monitored object. A less obvious application of the DS2422 is inside of major equipment.
Besides the temperature inside the chassis, the serial interface can monitor up to 16 digital signals, which are
parallel-clocked into an external shift register by CNVST and then shifted into the DS2422 through the SDATA pin


Similar Part No. - DS2422S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2422S DALLAS-DS2422S Datasheet
444Kb / 48P
   1-Wire Temperature/Datalogger with 8kB Datalog Memory
More results

Similar Description - DS2422S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2422 DALLAS-DS2422 Datasheet
444Kb / 48P
   1-Wire Temperature/Datalogger with 8kB Datalog Memory
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
   iButton Temperature Loggers with 8KB Datalog Memory
2015
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
   Temperature Datalogger
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com