Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2480B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2480B
Description  Serial to 1-Wire Line Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2480B Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2480B Datasheet HTML 1Page - Maxim Integrated Products DS2480B Datasheet HTML 2Page - Maxim Integrated Products DS2480B Datasheet HTML 3Page - Maxim Integrated Products DS2480B Datasheet HTML 4Page - Maxim Integrated Products DS2480B Datasheet HTML 5Page - Maxim Integrated Products DS2480B Datasheet HTML 6Page - Maxim Integrated Products DS2480B Datasheet HTML 7Page - Maxim Integrated Products DS2480B Datasheet HTML 8Page - Maxim Integrated Products DS2480B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 of 32
19-5047; 5/10
DS2480B
Serial to 1-Wire Line
Driver
www.maxim-ic.com
FEATURES
 Universal, Common-Ground Serial Port to 1-
Wire® Line Driver
 Works with All iButton® and 1-Wire Slave
Devices
 Communicates at Standard and Overdrive 1-
Wire speed and Serial Port Data Rates of
9600 (default), 19200, 57600, and 115200 bps
 Supports 12V EPROM Programming and
Stiff 5V Pullup for Sensors and EEPROM
 Self-Calibrating Time Base with
5%
Tolerance for Serial and 1-Wire
Communication
 Slew Rate Controlled 1-Wire Pulldown and
Active Pullup to Accommodate Long Lines
and Reduce Radiation
 User-Selectable RXD/TXD Polarity
Minimizes Component Count When
Interfacing to 5V Based RS232 Systems or
Directly to UARTs
 Programmable 1-Wire Timing and Driver
Characteristics Accommodate a Wide Range
of Slave Device Configurations at Standard
Speed
 Smart Protocol Combines Data and Control
Information Without Requiring Extra Pins
 Compatible with Optical, IR, and RF to
RS232 Converters
 Low-Cost 8-Pin SO Surface-Mount Package
 Operates Over 4.5V to 5.5V from -40°C to
+85°C
PIN ASSIGNMENT
PIN DESCRIPTION
GND
- Ground
1-W
- 1-Wire Input/Output
NC
- No Connection
VDD
- 4.5V to 5.5V
VPP
- Optional EPROM
Programming Voltage
POL
- RXD/TXD Polarity Select
TXD
- Serial Data from UART
RXD
- Serial Data to UART
ORDERING INFORMATION
PART
TEMP
RANGE
PIN-
PACKAGE
DS2480B+
-40°C to +85°C
8 SO
DS2480B+T&R -40°C to +85°C
8 SO
+ Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
DESCRIPTION
The DS2480B is a serial port to 1-Wire interface chip that supports standard and overdrive speeds. It con-
nects directly to UARTs and 5V RS232 systems. Interfacing to RS232C (±12V levels) requires a passive
clamping circuit and one 5V to ±12V level translator. Internal timers relieve the host of the burden of
generating the time-critical 1-Wire communication waveforms. In contrast to the DS9097(E) where a full
character must be sent by the host for each 1-Wire time slot, the DS2480B can translate each character
into eight 1-Wire time slots, thereby increasing the data throughput significantly. In addition, the
DS2480B can be set to communicate at four different data rates, including 115.2kbps, 57.6kbps, and
19.2kbps, with 9.6kbps being the power-on default. Command codes received from the host’s crystal
controlled UART serve as a reference to continuously calibrate the on-chip timing generator. The
1
2
3
4
8
7
6
5
GND
1-W
NC
VDD
RXD
TXD
POL
VPP
8-Pin SO (150 mil)


Similar Part No. - DS2480B

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
DS2480BS DALLAS-DS2480BS Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
More results

Similar Description - DS2480B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2480B MAXIM-DS2480B_15 Datasheet
503Kb / 32P
   Serial to 1-Wire Line Driver
2015
logo
Dallas Semiconductor
DS2480 DALLAS-DS2480 Datasheet
185Kb / 26P
   Serial 1.Wire Line Driver
DS2480B DALLAS-DS2480B Datasheet
411Kb / 30P
   Serial 1-Wire Line Driver with Load Sensor
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC111 TI-CDC111 Datasheet
96Kb / 7P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC329A TI-CDC329A Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com