Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2430A+TR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2430A+TR
Description  256-Bit 1-Wire EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2430A+TR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2430A+TR Datasheet HTML 1Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 2Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 3Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 4Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 5Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 6Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 7Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 8Page - Maxim Integrated Products DS2430A+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
19-5236; 4/10
DS2430A
256-Bit 1-Wire EEPROM
www.maxim-ic.com
FEATURES
 256-bit Electrically Erasable Programmable
Read Only Memory (EEPROM) plus 64-bit
one-time programmable application register
 Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-bit
serial number + 8-bit CRC tester) assures
absolute identity because no two parts are alike
 Built-in multidrop controller ensures
compatibility with other MicroLAN products
 EEPROM organized as one page of 32 bytes
for random access
 Reduces control, address, data, and power to a
single data pin
 Directly connects to a single port pin of a
microprocessor and communicates at up to
15.3kbits per second
 8-bit family code specifies DS2430A
communication requirements to reader
 Presence detector acknowledges when reader
first applies voltage
 Low cost TO-92 or 6-pin TSOC and UCSP
surface mount package
 Reads and writes over a wide voltage range of
2.8V to 5.25V from -40°C to +85°C
ORDERING INFORMATION
DS2430A+
TO-92 Package
DS2430AP+
6-pin TSOC Package
DS2430A+T&R
TO-92 Package, Tape & Reel
DS2430AP+T&R TSOC Package, Tape & Reel
+Denotes a lead(Pb)-free/RoHS-compliant
package.
Contact factory for availability of the UCSP
version.
PIN ASSIGNMENT
TO-92
NOTE: The leads of TO-92 packages on tape-
and-reel are formed to approximately 100 mil
(2.54 mm) spacing. For details see Package
Information.
PIN DESCRIPTION
TO-92
TSOC
Pin 1
Ground
Ground
Pin 2
Data
Data
Pin 3
NC
NC
Pin 4
––––
NC
Pin 5
––––
NC
Pin 6
––––
NC
SIDE VIEW
1
2
3
6
5
4
TOP VIEW
3.7mm x 4.0mm x 1.5mm
TSOC PACKAGE
DALLAS
DS2430A
1 2 3
BOTTOM VIEW
See Mech.
Drawings Section
1 2 3


Similar Part No. - DS2430A+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A+T DALLAS-DS2430A+T Datasheet
698Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A+T MAXIM-DS2430A+T Datasheet
866Kb / 19P
   256-Bit 1-Wire EEPROM
Rev 2/12
More results

Similar Description - DS2430A+TR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
DS2430A DALLAS-DS2430A_07 Datasheet
698Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A_12 Datasheet
866Kb / 19P
   256-Bit 1-Wire EEPROM
Rev 2/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
logo
Dallas Semiconductor
DS2433 DALLAS-DS2433 Datasheet
588Kb / 19P
   4k-Bit 1-Wire EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com