Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2775G+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2775G+
Description  2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2775G+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2775G+ Datasheet HTML 1Page - Maxim Integrated Products DS2775G+ Datasheet HTML 2Page - Maxim Integrated Products DS2775G+ Datasheet HTML 3Page - Maxim Integrated Products DS2775G+ Datasheet HTML 4Page - Maxim Integrated Products DS2775G+ Datasheet HTML 5Page - Maxim Integrated Products DS2775G+ Datasheet HTML 6Page - Maxim Integrated Products DS2775G+ Datasheet HTML 7Page - Maxim Integrated Products DS2775G+ Datasheet HTML 8Page - Maxim Integrated Products DS2775G+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2-Cell, Stand-Alone, Li+ Fuel-Gauge IC with
Protector and Optional SHA-1 Authentication
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +4.0V to +9.2V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on PLS, CP, CC, DC Pins
Relative to VSS.....................................................-0.3V to +18V
Voltage Range on VDD, VIN1, VIN2, SRC Pins
Relative to VSS....................................................-0.3V to +9.2V
Voltage Range on All Other Pins Relative to VSS ..-0.3V to +6.0V
Continuous Sink Current, PIO, DQ......................................20mA
Continuous Sink Current, CC, DC.......................................10mA
Operating Temperature Range ...........................-20°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sleep mode, TA
+50°C
3
5
IDD0
Sleep mode, TA > +50°C
10
IDD1
Active mode
80
135
Supply Current
IDD2
Active mode during SHA-1 computation
120
300
μA
Temperature Accuracy
TERR
-3
+3
°C
2.0
VIN1
4.6, 2.0
(VIN2 - VIN1)
4.6,
0°C
TA
+50°C
-35
+35
2.0
VIN1
4.6, 2.0
(VIN2 – VIN1)
4.6,
TA = +25°C
-22
22
Voltage Accuracy
2.0
VIN1
4.6, 2.0
(VIN2 - VIN1)
4.6
-50
+50
mV
Input Resistance (VIN1, VIN2)
15
M
Current Resolution
ILSB
1.56
μV
Current Full Scale
IFS
-51.2
+51.2
mV
Current Gain Error
IGERR
-1
+1
% FS
Current Offset
IOERR
0°C
TA
+70°C (Note 1)
-9.375
9.375
μVh
Accumulated Current Offset
qOERR
0°C
TA
+70°C (Note 1)
-255
0
μVh/Day
0°C
TA
+50°C
-2
+2
Time-Base Error
tERR
-3
+3
%
CP Output Voltage (VCP - VSRC)
VGS
IOUT = 0.9μA
4.4
4.7
5
V
CP Startup Time
tSCP
CE = 0, DE = 0, CCP = 0.1μF, active mode
200
ms
Output High: CC, DC
VOHCP
IOH = 100μA (Note 2)
VCP - 0.4
V
Output Low: CC
VOLCC
IOL = 100μA
VSRC + 0.1
V
Output Low: DC
VOLDC
IOL = 100μA
VSRC + 0.1
V
DQ, PIO Voltage Range
-0.3
+5.5
V
DQ, PIO, SDA, SCL Input
Logic-High
VIH
1.5
V
DQ, PIO, SDA, SCL Input
Logic-Low
VIL
0.6
V
OVD Input Logic-High
VIH
VBAT - 0.2
V
OVD Input Logic-Low
VIL
VSS + 0.2
V


Similar Part No. - DS2775G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775G++ MAXIM-DS2775G+ Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775G++ MAXIM-DS2775G+ Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775G++ MAXIM-DS2775G+ Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775G+TR MAXIM-DS2775G+TR Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775G+TR MAXIM-DS2775G+TR Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
More results

Similar Description - DS2775G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com