Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2776G+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2776G+
Description  2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2776G+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2776G+ Datasheet HTML 1Page - Maxim Integrated Products DS2776G+ Datasheet HTML 2Page - Maxim Integrated Products DS2776G+ Datasheet HTML 3Page - Maxim Integrated Products DS2776G+ Datasheet HTML 4Page - Maxim Integrated Products DS2776G+ Datasheet HTML 5Page - Maxim Integrated Products DS2776G+ Datasheet HTML 6Page - Maxim Integrated Products DS2776G+ Datasheet HTML 7Page - Maxim Integrated Products DS2776G+ Datasheet HTML 8Page - Maxim Integrated Products DS2776G+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
2-Cell, Stand-Alone, Li+ Fuel-Gauge IC with
Protector and Optional SHA-1 Authentication
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +4.0V to +9.2V, TA = -20°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DQ, PIO, SDA Output Logic-Low
VOL
IOL = 4mA
0.4
V
DQ, PIO Pullup Current
IPU
Sleep mode, VPIN = (VDD - 0.4V)
30
100
200
nA
DQ, PIO, SDA, SCL Pulldown
Current
IPD
Active mode, VPIN = 0.4V
30
100
200
nA
DQ Input Capacitance
CDQ
50
pF
DQ Sleep Timeout
tSLEEP
DQ < VIL
2
9
s
PIO, DQ Wake Debounce
tWDB
Sleep mode
100
ms
SHA-1 COMPUTATION TIMING (DS2776/DS2778 ONLY)
(VDD = +4.0V to +9.2V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Computation Time
tCOMP
30
ms
ELECTRICAL CHARACTERISTICS: PROTECTION CIRCUIT
(VDD = +4.0V to +9.2V, TA = 0°C to +50°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOV = 1110111b
4.438
4.473
4.508
Overvoltage Detect
VOV
VOV = 1100011b
4.242
4.277
4.312
V
Charge-Enable Voltage
VCE
Relative to VOV
-100
mV
Undervoltage Detect
VUV
Programmable in Control register 0x60h,
UV[1:0] = 10
2.415
2.450
2.485
V
OC = 11b
-60
-75
-90
Overcurrent Detect: Charge
VCOC
OC = 00b
-12.5
-25
-38
mV
OC = 11b
80
100
120
Overcurrent Detect: Discharge
VDOC
OC = 00b
25
38
50
mV
SC =1b
240
300
360
Short-Circuit Current Detect
VSC
SC = 0b
120
150
180
mV
Overvoltage Delay
tOVD
(Note 3)
600
1400
ms
Undervoltage Delay
tUVD
(Note 3)
600
1400
ms
Overcurrent Delay
tOCD
8
10
12
ms
Short-Circuit Delay
tSCD
80
120
160
μs
Charger-Detect Hysteresis
VCD
VUV condition
50
mV
Test Threshold
VTP
COC, DOC condition
0.4
1.0
1.2
V
DOC condition
20
40
80
Test Current
ITST
COC condition
-45
-60
-95
μA
PLS Pulldown Current
IPPD
Sleep mode
200
400
630
μA
Recovery Current
IRC
VUV condition, max: VPLS = 15V, VDD = 1.4V;
min: VPLS = 4.2V, VDD = 2V
3.3
8
13
mA


Similar Part No. - DS2776G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2776G++ MAXIM-DS2776G+ Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2776G++ MAXIM-DS2776G+ Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2776G++ MAXIM-DS2776G+ Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results

Similar Description - DS2776G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com