Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8004-H Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCA8004-H
Description  High Efficiency DC竊뢈C Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8004-H Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCA8004-H_06 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8004-H_06 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8004-H
2006-11-16
4
1
0.1
1
10
10
100
VGS = 10 V
100
4.5
0.1
100
1000
0.1
1
100
25
100
Ta
= −55°C
10
10
1
0
0
1
2
3
6
40
100
Ta
= −55°C
25
100
60
80
20
4
5
Drain-source voltage VDS (V)
ID – VDS
Drain current ID (A)
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Drain current ID (A)
⎪Yfs⎪ – ID
Common source
VDS = 10 V
Pulse test
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Common source
VDS = 10 V
Pulse test
Gate-source voltage VGS (V)
VDS – VGS
5
80
60
40
20
0
100
0
2
VGS = 3V
4
6
10
4.5
5
4
3
1
3.9
3.2
3.4
3.6
3.8
Common source
Ta
= 25°C
Pulse test
50
30
20
0
40
10
0
0.2
0.4
0.6
0.8
VGS = 2.8V
3
3.2
8
3.5
4.5
10
1
3.6
3.4
3.8
4
6
5
Common source
Ta
= 25°C
Pulse test
0
0.24
0.32
0.4
0
ID = 40 A
2
4
6
8
10
20
0.16
0.08
Common source
Ta
= 25°C
Pulse test
10


Similar Part No. - TPCA8004-H_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
logo
VBsemi Electronics Co.,...
TPCA8004-H VBSEMI-TPCA8004-H Datasheet
1Mb / 7P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - TPCA8004-H_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
   Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com