Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31C80T-002+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX31C80T-002+
Description  Spread-Spectrum Clock Generators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31C80T-002+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX31C80T-002+ Datasheet HTML 1Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 2Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 3Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 4Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 5Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 6Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 7Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 8Page - Maxim Integrated Products MAX31C80T-002+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Spread-Spectrum Clock Generators
_______________________________________________________________________________________ 5
Block Diagram
Pin Description
Pin Configuration
1
3
4
10
8
7
2
9
EP
5
6
TDFN
TOP VIEW
MAX31C80
MAX31D80
CRYSTAL
OSCILLATOR
PROGRAMMABLE
PLL WITH SPREAD
SPECTRUM
SPREAD-SPECTRUM
MAGNITUDE CONTROL
CLKOUT
(fCLKOUT = 2MHz TO 134MHz)
XOUT
(fXOUT = fIN)
VCC
fIN
GND
VCC
X1
X2
SMSEL0
SMSEL1
8MHz TO 134MHz CLOCK
OR
8MHz TO 34MHz CRYSTAL
MAX31C80
MAX31D80
PIN
NAME
FUNCTION
1
X1
Crystal Drive/Clock Input. A crystal with
the proper loading is connected across
X1 and X2. Instead of a crystal, a clock
can be applied at the X1 input. If no
clock or crystal is present, then no clock
is output at either XOUT or CLKOUT.
2, 9
SMSEL0,
SMSEL1
Spread-Spectrum Magnitude Select.
These are three-state digital inputs
to determine the spread-spectrum
magnitude. Tables 1 and 2 provide
details for configuration of these pins for
down and center dither, respectively.
PIN
NAME
FUNCTION
3, 8
VCC
Supply Voltage
4, 7
GND
Ground
5
CLKOUT
Clock Output. Spread-spectrum-capable
digital output clock from the PLL.
6
XOUT
Crystal Buffered Output. Buffered digital
output of the input crystal or clock.
10
X2
Crystal Drive Output. A crystal with the
proper loading is connected across X1
and X2. If a clock is applied at the X1
input, then X2 should be left open circuit.
EP
Exposed Pad. Connect to GND.


Similar Part No. - MAX31C80T-002+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
   CMOS RF/Video Multiplexers
MAX3100 MAXIM-MAX3100 Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
MAX3100 MAXIM-MAX3100 Datasheet
292Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
Rev 2; 1/09
MAX3100 MAXIM-MAX3100 Datasheet
388Kb / 12P
   Fully Assembled and Tested
Rev 0; 3/08
MAX3100CEE MAXIM-MAX3100CEE Datasheet
263Kb / 24P
   SPI/Microwire-Compatible UART in QSOP-16
19-1259; Rev 0; 7/97
More results

Similar Description - MAX31C80T-002+

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com