Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK4021 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK4021
Description  Switching Regulators and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK4021 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK4021_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK4021_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK4021
2009-09-29
5
−15 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG =25 Ω
VDD = 50 V, L = 4.28mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Safe operating area
Drain-source voltage VDS (V)
1
10
100
0.1
1
100
0.01
1000
10
Channel temperature (initial) Tch (°C)
EAS – Tch
60
40
20
0
25
50
75
100
125
150
80
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (pulsed) *
ID max (continuous)
100
μs *
1 ms *
VDSS max


Similar Part No. - 2SK4021_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK4021 ISC-2SK4021 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK4021_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK3265 TOSHIBA-2SK3265_09 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK423 TOSHIBA-2SK423 Datasheet
121Kb / 3P
   HIGH SPEED SWITCHING APPLICATIONS. DC-DC CONVERTER AND INTERFACE APPLICATIONS.
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com