Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

291PGILF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 291PGILF
Description  TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

291PGILF Datasheet(HTML) 1 Page - Integrated Device Technology

  291PGILF Datasheet HTML 1Page - Integrated Device Technology 291PGILF Datasheet HTML 2Page - Integrated Device Technology 291PGILF Datasheet HTML 3Page - Integrated Device Technology 291PGILF Datasheet HTML 4Page - Integrated Device Technology 291PGILF Datasheet HTML 5Page - Integrated Device Technology 291PGILF Datasheet HTML 6Page - Integrated Device Technology 291PGILF Datasheet HTML 7Page - Integrated Device Technology 291PGILF Datasheet HTML 8Page - Integrated Device Technology 291PGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS291
IDT™ / ICS™ TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER 1
ICS291
REV F 051310
Description
The ICS291 field programmable spread spectrum clock
synthesizer generates up to six high-quality, high-frequency
clock outputs including multiple reference clocks from a
low-frequency crystal input. It is designed to replace
crystals, crystal oscillators and stand alone spread
spectrum devices in most electronic systems.
Using IDT’s VersaClockTM software to configure PLLs and
outputs, the ICS291 contains a One-Time Programmable
(OTP) ROM for field programmability. Programming
features include input/output frequencies, spread spectrum
amount, eight selectable configuration registers and up to
two sets of three low-skew outputs.
Each of the two output groups are powered by a separate
VDDO voltage. VDDO may vary from 1.8 V to VDD.
Using Phase-Locked Loop (PLL) techniques, the device
runs from a standard fundamental mode, inexpensive
crystal, or clock. It can replace multiple crystals and
oscillators, saving board space and cost.
The ICS291 is also available in factory programmed custom
versions for high-volume applications.
Features
Packaged as 20-pin TSSOP – Pb-free, RoHS compliant
Eight addressable registers
Replaces multiple crystals and oscillators
Output frequencies up to 200 MHz at 3.3 V
Configurable Spread Spectrum Modulation
Input crystal frequency of 5 to 27 MHz
Clock input frequency of 3 to 166 MHz
Up to six reference outputs
Separate 1.8 to 3.3 V VDDO output level controls for
each bank of 3 outputs
Up to two sets of three low-skew outputs
Operating voltages of 3.3 V
Controllable output drive levels
Advanced, low-power CMOS process
Block Diagram
Crystal
Oscillator
GND
3
3
VDD
PDTS
PLL2
PLL3
Divide
Logic
and
Output
Enable
Control
S2:S0
CLK1
CLK6
CLK5
CLK4
CLK3
CLK2
3
OTP
ROM
with PLL
Values
X2
Crystal or
Clock Input
External capacitors
are required with a crystal input.
X1/ICLK
PLL1 with
Spread
Spectrum
VDDO1
VDDO2


Similar Part No. - 291PGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
291PGILF IDT-291PGILF Datasheet
222Kb / 10P
   TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
More results

Similar Description - 291PGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS290 ICST-ICS290 Datasheet
170Kb / 8P
   Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
logo
Integrated Device Techn...
ICS291 IDT-ICS291 Datasheet
222Kb / 10P
   TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
   Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
ICS281 ICST-ICS281 Datasheet
169Kb / 8P
   Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
logo
Integrated Device Techn...
ICS290 IDT-ICS290 Datasheet
114Kb / 9P
   TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
ICS280 IDT-ICS280 Datasheet
110Kb / 9P
   TRIPLE PLL FIELD PROG. SPREAD SPECTRUM CLOCK SYNTHESIZER
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com