Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL763XBCSE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # ICL763XBCSE
Description  Single/Dual/Triple/Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL763XBCSE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button ICL763XBCSE Datasheet HTML 7Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 8Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 9Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 10Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 11Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 12Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 13Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 14Page - Maxim Integrated Products ICL763XBCSE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
______________________________________________________________________________________
11
TOP VIEW
ICL7631/32
16 LEAD
NOTE: PINS 5 & 15 ARE INTERNALLY CONNECTED
OUT
IOC SET
N.C.
-INA
V+
1
2
16
15
SET IOC
+INC
V-
6
8
11
-INB
V+
-INC
710
IOB SET
512
+INB
OUTB
413
OUTA
+INA
314
9
+
-
A
+
-
A
+
-
C
+
-
B
ICL7641/42
16 LEAD WIDE S.O.
OUTC
OUTD
OUTA
-INA
-IND
1
2
16
15
-INB
N.C.
N.C.
6
8
11
+INC
INB
OUTB
710
-INC
512
V-
V+
413
+IND
+INA
314
9
+-
D
+
-
B
+-
C
+
-
A
ICL7641/42
14 LEAD
OUTC
OUTD
OUTA
-INA
-IND
1
2
16
15
-INB
611
+INC
INB
OUTB
710
-INC
512
V-
V+
413
+IND
+INA
314
+-
D
+
-
B
+-
C
Pin Configurations
Ordering Information (Triple/Quad)
PART
TEMP RANGE
PIN-PACKAGE
ICL763XBCPE
0°C to +70°C
16 Plastic Dip
ICL763XBCSE
0°C to +70°C
16 Slim SO
ICL763XCCPE
0°C to +70°C
16 Plastic Dip
ICL763XCCSE
0°C to +70°C
16 Slim SO
ICL763XECPE
0°C to +70°C
16 Plastic Dip
ICL763XECSE
0°C to +70°C
16 Slim SO
ICL763XBCJE
0°C to +70°C
16 CERDIP
ICL763XCCJE
0°C to +70°C
16 CERDIP
ICL763XECJE
0°C to +70°C
16 CERDIP
ICL763XBMJE
-55°C to +125°C
16 CERDIP
ICL763XCMJE
-55°C to +125°C
16 CERDIP
PART
TEMP RANGE
PIN-PACKAGE
ICL764XBCPD
0°C to +70°C
14 Plastic Dip
ICL764XBCWE
0°C to +70°C
16 Wide SO
ICL764XCCPD
0°C to +70°C
14 Plastic Dip
ICL764XCCWE
0°C to +70°C
16 Wide SO
ICL764XECPD
0°C to +70°C
14 Plastic Dip
ICL764XECWE
0°C to +70°C
16 Wide SO
ICL764XBCJD
0°C to +70°C
14 CERDIP
ICL764XCCJD
0°C to +70°C
14 CERDIP
ICL764XECJD
0°C to +70°C
14 CERDIP
ICL764XBMJD
-55°C to +125°C
14 CERDIP
ICL764XCMJD
-55°C to +125°C
14 CERDIP
Note: X above is replaced by 1, 2.


Similar Part No. - ICL763XBCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL763X MAXIM-ICL763X Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
More results

Similar Description - ICL763XBCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com