Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL763XCCPE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # ICL763XCCPE
Description  Single/Dual/Triple/Quad Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL763XCCPE Datasheet(HTML) 1 Page - Maxim Integrated Products

  ICL763XCCPE Datasheet HTML 1Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 2Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 3Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 4Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 5Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 6Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 7Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 8Page - Maxim Integrated Products ICL763XCCPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The ICL761X–ICL764X family of monolithic CMOS op
amps combine ultra-low input current with low-power
operation over a wide supply voltage range. With pin-
selectable quiescent currents of 10µA, 100µA, or
1000µA per amplifier, these op amps will operate from
±1V to ±8V power supplies, or from single supplies
from 2V to 16V. The CMOS outputs swing to within milli-
volts of the supply voltages.
The ultra-low bias current of 1pA makes this family of
op amps ideal for long time constant integrators,
picoammeters, low droop rate sample/hold amplifiers
and other applications where input bias and offset cur-
rents are critical. A low noise current of 0.01pA
√Hz and
an input impedance of 1012
Ω ensure optimum perfor-
mance with very high source impedances in such
applications as pH meters and photodiode amplifiers.
Applications
Battery-Powered Instruments
Low-Leakage Amplifiers
Long-Time Constant Integrators
Low-Frequency Active Filters
Hearing Aids and Microphone Amplifiers
Low Droop Rate Sample/Hold Amplifiers
Picoammeters
Features
o Pin-for-Pin Second Source
o 1pA Typical Bias Current—4nA (max) at +125°C
o ±1V to ±8V Wide Supply Voltage Range
o Industry-Standard Pinouts
o Programmable Quiescent Currents of 10µA,
100µA, and 1000µA
o Monolithic, Low-Power CMOS Design
Single/Dual/Triple/Quad
Operational Amplifiers
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
SINGLES—ICL7611/12/14/16
TO—99
(IOSET)*
V-
8
7
5
3
1
4
6
2
V+
OUTPUT
OFFSET
OFFSET
-IN
+IN
*EXTERNAL COMPENSATION (ICL7614)
8-PIN DIP
*PIN 7 CONNECTED TO CASE
OUT
(IOSET)*
OFFSET
IN
V+
1
2
8
7
+IN
V-
OFFSET
3
4
6
5
Ordering Information
Pin Configuration
19-0942; Rev 3; 5/10
ICL76XX
M
N
OP
VOS
SELECTION
TEMP
RANGE
PKG CODE
A = 2mV
C = 0°C to
70°C
TV= 8-Pin TO-
99
B = 5mV
E = -40°C to
+85°C
PA = 8-Pin
Plastic Dip
C = 10mV
M = -55°C to
+125°C
SA = 8-Pin
Small SO
D = 15mV
JD = 14-Pin
CERDIP
E = 20mV
PD = 14-Pin
Plastic Dip
SD = 14-Pin
Small SO
JE = 16-Pin
CERDIP
PE = 16-Pin
Plastic Dip
SE = 16-Pin
Small SO
WE – 16-Pin
Wide SO
Typical Operating Circuit appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - ICL763XCCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL763X MAXIM-ICL763X Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
More results

Similar Description - ICL763XCCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7611DESA MAXIM-ICL7611DESA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
ICL7611 MAXIM-ICL7611 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
ICL761X MAXIM-ICL761X Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7612 MAXIM-ICL7612 Datasheet
1Mb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
19-0942; Rev 4; 7/21
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP292 AD-OP292_02 Datasheet
516Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. B
OP292 AD-OP292_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
REV. C
logo
Texas Instruments
LMH6682 TI1-LMH6682 Datasheet
1Mb / 30P
[Old version datasheet]   Single Supply, Dual and Triple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com