Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1493-03BGLFTR Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MK1493-03BGLFTR
Description  PCI CLOCK GENERATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK1493-03BGLFTR Datasheet(HTML) 4 Page - Integrated Device Technology

  MK1493-03BGLFTR Datasheet HTML 1Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 2Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 3Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 4Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 5Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 6Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 7Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 8Page - Integrated Device Technology MK1493-03BGLFTR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MK1493-03B
PCI CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT™ PCI CLOCK GENERATOR
4
MK1493-03B
REV H 051310
Power Groups
General SM-Bus Serial Interface
Information
How to Write:
Controller (host) sends a start bit
Controller (host) sends the write address D2
(H)
IDT clock will acknowledge
Controller (host) sends the beginning byte location = N
IDT clock will acknowledge
Controller sends Byte Count X
IDT clock will acknowledge
Controller (host) starts sending Byte N through Byte
N+X-1
IDT clock will acknowledge each byte one at a time
Controller (host) sends a Stop bit
Pin Number
Description
VDD
GND
12
9
Ref, Crystal Osc Power
supply
30, 40
29, 41
PCICLK
35
34
PCI 66 clocks
65
SMBus
17
16
CPU Clocks(100MHz)
14
15
PLL
Index Block Write Operation
Controller (Host)
IDT (Slave/Receiver)
TstarT
Slave
Address D2
(H)
WR
ACK
Beg Location = N
ACK
Data Byte Count = X
ACK
Beginning Byte N
O
O
O
ACK
O
O
O
Byte N + X - 1
ACK
PstoP
Index Block Write Operation


Similar Part No. - MK1493-03BGLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1493-01 ICST-MK1493-01 Datasheet
264Kb / 13P
   PCI Clock Generator
MK1493-01G ICST-MK1493-01G Datasheet
264Kb / 13P
   PCI Clock Generator
MK1493-01GTR ICST-MK1493-01GTR Datasheet
264Kb / 13P
   PCI Clock Generator
logo
Renesas Technology Corp
MK1493-05 RENESAS-MK1493-05 Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
MK1493-05GILF RENESAS-MK1493-05GILF Datasheet
476Kb / 15P
   DIFFERENTIAL SPREAD SPECTRUM CLOCK DRIVER
051310
More results

Similar Description - MK1493-03BGLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1493-01 ICST-MK1493-01 Datasheet
264Kb / 13P
   PCI Clock Generator
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28517 CYPRESS-CY28517 Datasheet
304Kb / 12P
   PCI Express Clock Generator
logo
Renesas Technology Corp
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
   PCI ExpressTM Clock Generator
2019
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
   PCI ExpressTM Clock Generator
2019
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com