Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK712RLFTR Datasheet(PDF) 9 Page - Integrated Device Technology

Part # MK712RLFTR
Description  TOUCH SCREEN CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MK712RLFTR Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button MK712RLFTR Datasheet HTML 5Page - Integrated Device Technology MK712RLFTR Datasheet HTML 6Page - Integrated Device Technology MK712RLFTR Datasheet HTML 7Page - Integrated Device Technology MK712RLFTR Datasheet HTML 8Page - Integrated Device Technology MK712RLFTR Datasheet HTML 9Page - Integrated Device Technology MK712RLFTR Datasheet HTML 10Page - Integrated Device Technology MK712RLFTR Datasheet HTML 11Page - Integrated Device Technology MK712RLFTR Datasheet HTML 12Page - Integrated Device Technology MK712RLFTR Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MK712
TOUCH SCREEN CONTROLLER
TOUCH SCREEN CONTROL
IDT™ TOUCH SCREEN CONTROLLER
9
MK712
REV N 051310
Analog to Digital Converter Option
The 12-bit ADC converts X and Y co-ordinates at a rate determined by registers 6 and 7. The converter uses a
ratiometric technique to give absolute co-ordinates on the screen, largely independent of variations in screen
resistance, temperature or power supply voltage. The total voltage applied across the screen is defined as full-scale
for the converter (i.e. 4095) and any point touched on the screen is proportional to this. For example, if the screen
is touched exactly in the center, the converter will read 2047. This feature may allow for the elimination of calibration
upon startup.
However, the full scale voltage is defined at the IC pins and so any parasitic interconnect resistance will be included
in full scale. In addition, the interconnect resistances on the screen also account for about 20% of the total
resistance. This means that approximately the bottom 10% and top 10% of full scale are inaccessible.
The converter is guaranteed to be monotonic, with no missing codes.


Similar Part No. - MK712RLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712RLFTR IDT-MK712RLFTR Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Renesas Technology Corp
MK712RLFTR RENESAS-MK712RLFTR Datasheet
573Kb / 22P
   TOUCH SCREEN CONTROLLER
051310
More results

Similar Description - MK712RLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com