Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F03 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT66F03
Description  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VOL
Output Low Voltage I/O Port
3V
IOL=9mA
¾¾
0.3
V
5V
IOL=20mA
¾¾
0.5
V
VOH
Output High Voltage I/O Port
3V
IOH=
-3.2mA
2.7
¾¾
V
5V
IOH=
-7.4mA
4.5
¾¾
V
RPH
Pull-high Resistance for I/O
Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
V125
1.25V Reference with Buffer
Voltage
¾¾
-3%
1.25
+3%
V
I125
Additional Power Consumption
if 1.25V Reference with Buffer is
used
¾¾
¾
200
300
mA
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fCPU
Operating Clock
¾
2.2V~5.5V
DC
¾
8
MHz
2.7V~5.5V
DC
¾
12
MHz
4.5V~5.5V
DC
¾
20
MHz
fSYS
System Clock (HXT)
¾
2.2V~5.5V
0.4
¾
8
MHz
2.7V~5.5V
0.4
¾
12
MHz
4.5V~5.5V
0.4
¾
20
MHz
fERC
System Clock (ERC)
5V
Ta=25
°C, R=120kW *
-2%
8
+2%
MHz
5V
Ta=0~70
°C, R=120kW *
-5%
8
+6%
MHz
5V
Ta=
-40°C~85°C,
R=120k
W *
-7%
8
+9%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C,
R=120k
W *
-9%
8
+10%
MHz
2.2V~
5.5V
Ta=
-40°C~85°C,
R=120k
W *
-15%
8
+10%
MHz
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.00
10
April 16, 2010
Ta=25
°C


Similar Part No. - HT66F03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F03 HOLTEK-HT66F03 Datasheet
2Mb / 147P
   Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
HT66F03M HOLTEK-HT66F03M Datasheet
125Kb / 13P
   1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
   Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
More results

Similar Description - HT66F03

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
   Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
   Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com