Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC02 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  CMOS 2K 2-Wire Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VCC+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾-40°Cto+85°C
2.2
¾
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
¾¾
2mA
ICC2
Operating Current
5V
Write at 100kHz
¾¾
5mA
VIL
Input Low Voltage
¾¾
-1
¾
0.3VCC
V
VIH
Input High Voltage
¾¾
0.7VCC
¾
VCC+0.5
V
VOL
Output Low Voltage
2.4V
IOL=2.1mA
¾¾
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
¾¾
1
mA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
¾¾
1
mA
ISTB
Standby Current
2.2V~
5.5V
VIN=0 or VCC
¾¾
2
mA
CIN
Input Capacitance (See Note)
¾
f=1MHz 25
°C
¾¾
6pF
COUT
Output Capacitance (See Note)
¾
f=1MHz 25
°C
¾¾
8pF
Note:
These parameters are periodically sampled but not 100% tested
HT24LC02
Rev. 1.70
2
May 6, 2010


Similar Part No. - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
More results

Similar Description - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
   1K/2K 2-Wire CMOS Serial EEPROM
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC56 HOLTEK-HT93LC56 Datasheet
375Kb / 10P
   2K 3-Wire CMOS Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Sanyo Semicon Device
LE24C0221M SANYO-LE24C0221M Datasheet
101Kb / 11P
   CMOS IC Two Wire Serial Interface EEPROM (2k EEPROM)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com