Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8008-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCA8008-H
Description  High Speed Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8008-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCA8008-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8008-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCA8008-H
2007-12-18
6
3
2
0
0
40
80
120
1.5
2.5
160
1
0.5
(1)
(2)
Case temperature Tc (°C)
PD – Tc
0
40
80
120
160
rth – tw
Pulse width tw (s)
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
Single pulse
(2)
(1)
(3)
0.1
Ambient temperature Ta (°C)
PD – Ta
Drain-source voltage VDS (V)
Safe operating area
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Tc=25℃
(1) Device mounted on
a glass-epoxy board (a)
(Note 2a)
(2) Device mounted on
a glass-epoxy board (b)
(Note 2b)
t = 10s
0.1
1
10
100
1
100
10
* Single - Pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (Pulse) *
ID max (Continuous)
t =1ms *
VDSS max
0.01
10ms *
1000
60
40
20
0
DC Operation
Tc
= 25°C


Similar Part No. - TPCA8008-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8008-H TOSHIBA-TPCA8008-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCA8008-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com