Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX835 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX835
Description  Micropower, Latching Voltage Monitors in SOT23-5
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX835 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX835 Datasheet HTML 1Page - Maxim Integrated Products MAX835 Datasheet HTML 2Page - Maxim Integrated Products MAX835 Datasheet HTML 3Page - Maxim Integrated Products MAX835 Datasheet HTML 4Page - Maxim Integrated Products MAX835 Datasheet HTML 5Page - Maxim Integrated Products MAX835 Datasheet HTML 6Page - Maxim Integrated Products MAX835 Datasheet HTML 7Page - Maxim Integrated Products MAX835 Datasheet HTML 8Page - Maxim Integrated Products MAX835 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micropower, Latching Voltage Monitors
in SOT23-5
4
_______________________________________________________________________________________
25
0
01
3
4
89 10 11 12
MAX835
OUTPUT SHORT-CIRCUIT
SOURCE CURRENT vs. SUPPLY VOLTAGE
15
10
5
20
VCC (V)
2
567
TA = +25°C
VIN = 1.3V
TA = +85°C
TA = -40°C
160
40
-60 -40
0
20
100
SUPPLY VOLTAGE FALLING TO OUT
PROPAGATION DELAY vs. TEMPERATURE
130
120
110
100
90
80
70
60
50
140
TEMPERATURE (°C)
-20
406080
150
1mV/
μs
10mV/
μs
1000
0
01
3
4
89 10 11 12
MAX835
OUTPUT RISE TIME vs. SUPPLY VOLTAGE
300
200
100
400
800
900
VCC (V)
2
567
500
600
700
TA = +25°C
TA = -40°C
TA = +85°C
2.5
0
01
3
4
89 10 11 12
OUTPUT FALL TIME
vs. SUPPLY VOLTAGE
1.5
1.0
0.5
2.0
VCC (V)
2
567
TA = +25°C
TA = +85°C
TA = -40°C
1
10
100
1k
10k
100k
0.1
1
100
OUTPUT LOW VOLTAGE
vs. OUTPUT SINK CURRENT
OUTPUT SINK CURRENT (mA)
10
TA = -40°C
TA = +85°C
VCC = 11V
TA = +25°C
1
10
100
1k
10k
100k
0.1
1
100
MAX835
OUTPUT HIGH VOLTAGE
vs. OUTPUT SOURCE CURRENT
OUTPUT SOURCE CURRENT (mA)
10
TA = +25°C
TA = -40°C
VCC = 11V
TA = +85°C
250
0
01
3
4
89 10 11 12
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
150
100
50
200
VCC (V)
2
567
TA = +25°C
ISINK = 500
μA
TA = +85°C
TA = -40°C
500
0
01
3
4
89 10 11 12
MAX835
OUTPUT HIGH VOLTAGE
vs. SUPPLY VOLTAGE
150
100
50
200
400
450
VCC (V)
2
567
250
300
350
TA = +25°C
ISOURCE = 500
μA
TA = +85°C
TA = -40°C
20
0
01
3
4
89 10 11 12
OUTPUT SHORT-CIRCUIT
SINK CURRENT vs. SUPPLY VOLTAGE
10
5
15
VCC (V)
2
567
TA = +25°C
TA = +85°C
TA = -40°C
VIN = 1.1V
_____________________________Typical Operating Characteristics (continued)
(VCC = +5V, Typical Operating Circuit, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX835

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX835 MAXIM-MAX835 Datasheet
77Kb / 8P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
MAX835EUK-T MAXIM-MAX835EUK-T Datasheet
77Kb / 8P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
More results

Similar Description - MAX835

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX834 MAXIM-MAX834 Datasheet
77Kb / 8P
   Micropower, Latching Voltage Monitors in SOT23-5
Rev 0; 12/96
MAX836 MAXIM-MAX836_08 Datasheet
106Kb / 7P
   4-Pin Micropower Voltage Monitors
19-1137; Rev 3; 5/08
MAX836 MAXIM-MAX836 Datasheet
61Kb / 6P
   4-Pin Micropower Voltage Monitors
Rev 0; 9/96
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE125 DIODES-ZXRE125 Datasheet
107Kb / 5P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com