Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1185ECM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1185ECM
Description  Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1185ECM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1185ECM Datasheet HTML 1Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 2Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 3Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 4Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1185ECM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1185 is a 3V, dual 10-bit analog-to-digital con-
verter (ADC) featuring fully-differential wideband track-
and-hold (T/H) inputs, driving two pipelined, nine-stage
ADCs. The MAX1185 is optimized for low-power, high
dynamic performance applications in imaging, instru-
mentation, and digital communication applications. This
ADC operates from a single 2.7V to 3.6V supply, con-
suming only 105mW while delivering a typical signal-to-
noise ratio (SNR) of 59.5dB at an input frequency of
7.5MHz and a sampling rate of 20Msps. Digital outputs
A and B are updated alternating on the rising (CHA)
and falling (CHB) edge of the clock. The T/H driven
input stages incorporate 400MHz (-3dB) input ampli-
fiers. The converters may also be operated with single-
ended inputs. In addition to low operating power, the
MAX1185 features a 2.8mA sleep mode as well as a
1µA power-down mode to conserve power during idle
periods.
An internal 2.048V precision bandgap reference sets
the full-scale range of the ADC. A flexible reference
structure allows the use of this internal or an externally
derived reference, if desired for applications requiring
increased accuracy or a different input voltage range.
The MAX1185 features parallel, multiplexed, CMOS-
compatible three-state outputs. The digital output for-
mat can be set to two’s complement or straight offset
binary through a single control pin. The device provides
for a separate output power supply of 1.7V to 3.6V for
flexible interfacing. The MAX1185 is available in a 7mm
x 7mm, 48-pin TQFP package, and is specified for the
extended industrial (-40°C to +85°C) temperature
range.
Pin-compatible, nonmultiplexed. high-speed versions of
the MAX1185 are also available. Please refer to the
MAX1180 data sheet for 105Msps, the MAX1181 data
sheet for 80Msps, the MAX1182 data sheet for 65Msps,
the MAX1183 data sheet for 40Msps, and the MAX1184
data sheet for 20Msps.
Applications
High Resolution Imaging
I/Q Channel Digitization
Multichannel IF Sampling
Instrumentation
Video Application
Ultrasound
Features
o Single 3V Operation
o Excellent Dynamic Performance:
59.5dB SNR at fIN = 7.5MHz
74dB SFDR at fIN = 7.5MHz
o Low Power:
35mA (Normal Operation)
2.8mA (Sleep Mode)
1µA (Shutdown Mode)
o 0.02dB Gain and 0.25° Phase Matching
o Wide ±1Vp-p Differential Analog Input Voltage
Range
o 400MHz, -3dB Input Bandwidth
o On-Chip 2.048V Precision Bandgap Reference
o Single 10-Bit Bus for Multiplexed, Digital Outputs
o User-Selectable Output Format—Two’s
Complement or Offset Binary
o 48-Pin TQFP Package with Exposed Paddle For
Improved Thermal Dissipation
Dual 10-Bit, 20Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
________________________________________________________________
Maxim Integrated Products
1
D1A/B
D0A/B
OGND
OVDD
OVDD
OGND
A/B
N.C.
N.C.
N.C.
N.C.
N.C.
COM
VDD
GND
INA+
INA-
VDD
GND
INB-
INB+
GND
VDD
CLK
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
48 TQFP-EP
MAX1185
NOTE: THE PIN 1 INDICATOR FOR LEAD-FREE
PACKAGES IS REPLACED BY A "+" SIGN.
EP
Pin Configuration
19-2175; Rev 2; 4/10
Ordering Information
PART
TEMP
RANGE
PIN-PACKAGE
MAX1185ECM
-40
°C to +85°C
48 TQFP-EP*
MAX1185ECM+
-40
°C to +85°C
48 TQFP-EP*
MAX1185ECM/V+
-40
°C to +85°C
48 TQFP-EP*
*
EP = Exposed paddle.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
Pin-Compatible Versions table at end of data sheet.


Similar Part No. - MAX1185ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1185ECM MAXIM-MAX1185ECM Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185ECM MAXIM-MAX1185ECM Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185ECM MAXIM-MAX1185ECM Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
More results

Similar Description - MAX1185ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com