Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3387E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3387E
Description  3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3387E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3387E_10 Datasheet HTML 1Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 2Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 3Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 4Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 5Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 6Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 7Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 8Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3V, ±15kV ESD-Protected, AutoShutdown Plus
RS-232 Transceiver for PDAs and Cell Phones
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = VL = +3.0V to +5.5V; C1–C4 = 0.1µF, tested at +3.3V ±10%; C1 = 0.047µF, C2–C4 = 0.33µF, tested at +5.0V ±10%;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = VL = +3.3V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
VCC to GND ..............................................................-0.3V to +6V
VL to GND...................................................-0.3V to (VCC + 0.3V)
V+ to GND ................................................................-0.3V to +7V
V- to GND .................................................................+0.3V to -7V
V+ +
⏐ V-⏐(Note 1) .............................................................. +13V
Input Voltages
T_IN, FORCEON, FORCEOFF to GND ..................-0.3V to +6V
R_IN to GND .....................................................................±25V
Output Voltages
T_OUT to GND...............................................................±13.2V
R_OUT........................................................-0.3V to (VL + 0.3V)
Short-Circuit Duration T_OUT to GND........................Continuous
Continuous Power Dissipation (TA = +70°C)
24-Pin TSSOP (derate 12.2mW/°C above +70°C) ........976mW
Operating Temperature Ranges
MAX3387ECUG ...................................................0°C to +70°C
MAX3387EEUG ................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
IOUT = 1.6mA
All R_IN idle, FORCEON = GND,
FORCEOFF = VCC, all T_IN idle
T_IN, FORCEON, FORCEOFF
T_IN, FORCEON,
FORCEOFF
FORCEOFF = FORCEON = VCC, no load
CONDITIONS
V
0.4
Output Voltage Low
µA
±0.01
±1
Input Leakage Current
V
0.5
Transmitter Input Hysteresis
V
0.9
Input Logic Threshold High
1.4
2.0
µA
1.0
10
Supply Current, AutoShutdown
Plus
2.4
V
0.8
0.3
1
mA
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VL = +5.0V
VL = +3.3V
VL = +2.5V
VL = +1.8V
IOUT = -1mA
V
VL -
VL -
0.6
0.1
Output Voltage High
VL = +3.3V or +5.0V
T_IN, FORCEON,
FORCEOFF
0.6
Input Logic Threshold Low
VL = +2.5V
V
-25
+25
Input Voltage Range
TA = +25°C
V
0.8
1.5
Input Threshold Low
VL = +5.0V
VL = +3.3V
0.6
1.2
TA = +25°C
V
1.8
2.4
Input Threshold High
VL = +5.0V
VL = +3.3V
1.5
2.4
DC CHARACTERISTICS (VCC = +3.3V or +5V, TA = +25°C)
LOGIC INPUTS
RECEIVER OUTPUTS
RECEIVER INPUTS


Similar Part No. - MAX3387E_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3387ECUG MAXIM-MAX3387ECUG Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3387EEUG MAXIM-MAX3387EEUG Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
More results

Similar Description - MAX3387E_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com