Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3387E Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3387E
Description  3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3387E Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3387E_10 Datasheet HTML 1Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 2Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 3Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 4Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 5Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 6Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 7Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 8Page - Maxim Integrated Products MAX3387E_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3V, ±15kV ESD-Protected, AutoShutdown Plus
RS-232 Transceiver for PDAs and Cell Phones
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = VL = +3.0V to +5.5V; C1–C4 = 0.1µF, tested at +3.3V ±10%; C1 = 0.047µF, C2–C4 = 0.33µF, tested at +5.0V ±10%;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = VL = +3.3V, TA = +25°C.)
AutoShutdown Plus (FORCEON = GND, FORCEOFF = VCC)
ESD PROTECTION
TRANSMITTER OUTPUTS
-2.7
Negative threshold
Figure 3a
Positive threshold
Receiver or Transmitter Edge to
Transmitters Shutdown
tAUTOSHDN
15
30
60
s
Receiver Positive or Negative
Threshold to INVALID Low
tINVL
30
VCC = +5V, Figure 3b
Receiver or Transmitter Edge to
Transmitters Enabled
tWU
100
µs
VCC = +5V, Figure 3b
µs
VCC = +5V, Figure 3b
Receiver Positive or Negative
Threshold to INVALID High
tINVH
1
µs
INVALID Output Voltage Low
0.4
VCC = +5V, Figure 3b
INVALID Output Voltage High
VL - 0.6
V
IOUT = -1.6mA
V
IOUT = -1.0mA
Receiver Input Threshold to
INVALID Output Low
-0.3
0.3
V
Receiver Input Threshold to
INVALID Output High
2.7
V
Figure 3a
R_IN, T_OUT
ESD Protection
±8
kV
IEC 1000-4-2 Contact Discharge method
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Hysteresis
0.5
V
Input Resistance
35
7
k
Ω
Output Voltage Swing
±5
±5.4
V
Output Resistance
300
10M
Ω
Output Short-Circuit Current
±60
mA
Output Leakage Current
±25
µA
±15
±15
CONDITIONS
TA = +25°C
All transmitter outputs loaded with 3k
Ω to
ground
VCC = V+ = V- = 0V, transmitter output = ±2V
VT_OUT = 0V
VT_OUT = ±12V, transmitters disabled;
VCC = 0V or +3.0V to +5.5V
Human Body Model
IEC 1000-4-2 Air-Gap Discharge method
TRANSMITTER OUTPUTS
ESD PROTECTION
AutoShutdown Plus (FORCEON = GND, FORCEOFF = VCC)


Similar Part No. - MAX3387E_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3387ECUG MAXIM-MAX3387ECUG Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3387EEUG MAXIM-MAX3387EEUG Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
More results

Similar Description - MAX3387E_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3387E MAXIM-MAX3387E Datasheet
181Kb / 16P
   3V, 짹15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones
19-1561; Rev 1; 10/99
MAX3386E MAXIM-MAX3386E Datasheet
156Kb / 12P
   3.0V, 짹15kV ESD-Protected RS-232 Transceiver for PDAs and Cell Phones
19-1529; Rev 1; 10/99
MAX3388E MAXIM-MAX3388E Datasheet
276Kb / 11P
   2.5V, 짹15kV ESD-Protected RS-232 Transceivers for PDAs and Cell Phones
19-1845; Rev 1; 9/01
MAX221E MAXIM-MAX221E Datasheet
177Kb / 12P
   ±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown
Rev 0; 8/99
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
   짹 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com