Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3799ETJ+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3799ETJ+
Description  1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3799ETJ+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3799ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3799ETJ+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1Gbps to 14Gbps, SFP+ Multirate Limiting
Amplifier and VCSEL Driver
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.85V to 3.63V, TA = -40°C to +85°C, CML receiver output load is AC-coupled to differential 100
Ω, CAZ = 1nF, transmitter out-
put load is AC-coupled to differential 100
Ω (see Figure 1), typical values are at +25°C, VCC = 3.3V, IBIAS = 6mA, IMOD = 6mA, unless
otherwise specified. Registers are set to default values unless otherwise noted, and the 3-wire interface is static during measure-
ments. For testing, the RATE_SEL bit was used and the RSEL pin was left open.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SDA Setup Time
tDS
100
ns
SDA Hold Time
tDH
100
ns
SCL Rise to SDA Propagation
Time
tD
5ns
CSEL Pulse-Width Low
tCSW
500
ns
CSEL Leading Time Before the
First SCL Edge
tL
500
ns
CSEL Trailing Time After the
Last SCL Edge
tT
500
ns
SDA, SCL External Load
CB
Total bus capacitance on one line with
4.7k
pullup to VCC
20
pF
Note 1: Supply current is measured with unterminated receiver CML output or with AC-coupled Rx output termination. The Tx out-
put and the bias current output must be connected to a separate supply to remove the modulation/bias current portion from
the supply current. BIAS must be connected to 2.0V. TOUT+/- must be connected through 50
Ω load resistors to a separate
supply voltage.
Note 2: Guaranteed by design and characterization, TA = -40°C to +95°C.
Note 3: The data input transition time is controlled by a 4th-order Bessel filter with -3dB frequency = 0.75 x data rate. The determin-
istic jitter caused by this filter is not included in the DJ generation specifications.
Note 4: Test pattern is 00001111 at 1.25Gbps for RATE_SEL = 0. Test pattern is 00001111 at 8.5Gbps for RATE_SEL = 1.
Note 5: Receiver deterministic jitter is measured with a repeating 231 - 1 PRBS equivalent pattern at 10.32Gbps. For 1.25Gbps to
8.5Gbps, a repeating K28.5 pattern [00111110101100000101] is used. Deterministic jitter is defined as the arithmetic sum
of pulse-width distortion (PWD) and pattern-dependent jitter (PDJ).
Note 6: Measured with a k28.5 pattern from 1.0625Gbps to 8.5Gbps. Measured with 231 - 1 PRBS at 10.32Gbps.
Note 7: Measurement includes an input AC-coupling capacitor of 100nF and CCAZ of 100nF. The signal at the input is switched
between two amplitudes: Signal_ON and Signal_OFF.
1) Receiver operates at sensitivity level plus 1dB power penalty.
a) Signal_OFF = 0
Signal_ON = (+8dB) + 10log(min_assert_level)
b) Signal_ON = (+1dB) + 10log(max_deassert_level)
Signal_OFF = 0
2) Receiver operates at overload.
Signal_OFF = 0
Signal_ON = 1.2VP-P
max_deassert_level and the min_assert_level are measured for one LOS_THRESHOLD setting.
Note 8: Gain stability is defined as [(I_measured) - (I_reference)]/(I_reference) over the listed current range, temperature, and VCC
from +2.95V to +3.63V. Reference current measured at VCC = +3.2V, TA = +25°C.
Note 9: Transmitter deterministic jitter is measured with a repeating 27 - 1 PRBS, 72 0s, 27 - 1 PRBS, and 72 1s pattern at
10.32Gbps. For 1.0625Gbps to 8.5Gbps, a repeating K28.5 pattern [00111110101100000101] is used. Deterministic jitter is
defined as the arithmetic sum of PWD and PDJ.
Note 10: Gain stability is defined as [(I_measured) - (I_reference)]/(I_reference) over the listed current range, temperature, and VCC
from +2.85V to +3.63V. Reference current measured at VCC = +3.3V, TA = +25°C.


Similar Part No. - MAX3799ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3799ETJ++ MAXIM-MAX3799ETJ+ Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
More results

Similar Description - MAX3799ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
MAX3795 MAXIM-MAX3795 Datasheet
785Kb / 15P
   1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Rev 0; 8/04
logo
Integrated Device Techn...
HXT5104A IDT-HXT5104A Datasheet
368Kb / 2P
   4Channel 14Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3798 MAXIM-MAX3798 Datasheet
1Mb / 35P
   1.0625Gbps to 10.32Gbps, Integrated, Low-Power SFP Limiting Amplifier and VCSEL Driver
Rev 0; 10/08
logo
Vitesse Semiconductor C...
VSC7964 VITESSE-VSC7964 Datasheet
525Kb / 2P
   1/2/4 Gbps Integrated VCSEL Driver and Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com