Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5387 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5387
Description  Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5387 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5387 Datasheet HTML 6Page - Maxim Integrated Products MAX5387 Datasheet HTML 7Page - Maxim Integrated Products MAX5387 Datasheet HTML 8Page - Maxim Integrated Products MAX5387 Datasheet HTML 9Page - Maxim Integrated Products MAX5387 Datasheet HTML 10Page - Maxim Integrated Products MAX5387 Datasheet HTML 11Page - Maxim Integrated Products MAX5387 Datasheet HTML 12Page - Maxim Integrated Products MAX5387 Datasheet HTML 13Page - Maxim Integrated Products MAX5387 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Dual, 256-Tap, Volatile, Low-Voltage
Linear Taper Digital Potentiometer
10 _____________________________________________________________________________________
Figure 3. START and STOP Conditions
Figure 4. Bit Transfer
Figure 5. Acknowledge
Bit Transfer
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable while SCL is
high. See Figure 4.
Acknowledge
The acknowledge bit is a clocked 9th bit that the recipi-
ent uses to handshake receipt of each byte of data. See
Figure 5. Each byte transferred requires a total of nine
bits. The master controller generates the 9th clock pulse,
and the recipient pulls down SDA during the acknowl-
edge clock pulse, so the SDA line remains stable low
during the high period of the clock pulse.
Slave Address
The MAX5387 includes a 7-bit slave address (Figure 6).
The 8th bit following the 7th bit of the slave address is the
NOP/W bit. Set the NOP/W bit low for a write command
and high for a no-operation command. The device does
not support readback.
The device provides three address inputs (A0, A1, and
A2), allowing up to eight devices to share a common
bus (Table 1). The first 4 bits (MSBs) of the factory-set
slave addresses are always 0101. A2, A1, and A0 set the
next 3 bits of the slave address. Connect each address
input to VDD or GND. Each device must have a unique
address to share a common bus.
P
STOP
CONDITION
S
START CONDITION
SDA
SCL
SDA
SCL
DATA STABLE,
DATA VALID
CHANGE OF
DATA ALLOWED
9
8
2
1
START
CONDITION
SCL
SDA
CLOCK PULSE FOR
ACKNOWLEDGMENT
NOT ACKNOWLEDGE
ACKNOWLEDGE


Similar Part No. - MAX5387

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5387 MAXIM-MAX5387 Datasheet
1Mb / 19P
   Configurable and Fixed Device Addresses
Rev 1; 5/10
More results

Similar Description - MAX5387

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5391 MAXIM-MAX5391_V01 Datasheet
1Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com