Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4080FASA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4080FASA+
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4080FASA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4080FASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 12Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 13Page - Maxim Integrated Products MAX4080FASA+ Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
that swings above VREF voltage for positive-sense volt-
ages and below VREF for negative-sense voltages.
VOUT is equal to VREF when VSENSE is equal to zero.
Set the full-scale output range by selecting RSENSE and
the appropriate gain version of the MAX4080/
MAX4081.
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
10
______________________________________________________________________________________
MAX4081T
VSENSE
ICHARGE
ILOAD
RSENSE
VCC
GND
RS+
RS-
OUT
REF1A
REF1B
5V
SYSTEM LOAD
AND CHARGER
BATTERY
VOUT = GND
VOUT = 10V
VREF1A = VREF1B = 5V
DISCHARGE CURRENT
4.5V TO 76V
CHARGE CURRENT
5V
10V
-250mV
250mV
-5V
VSENSE
Figure 1. MAX4081T OUT Transfer Curve
RSENSE
VSENSE
ILOAD
OUT
RG1
RG2
RS-
Q1
RS+
CURRENT
MIRROR
A1
IA2
A3
A2
MAX4080
VSENSE
RG1
RG2
VREF
RS-
REF1B
OUT
GND
REF1A
Q1
Q2
RF
125k
Ω
125k
Ω
RS+
CURRENT
MIRROR
CURRENT
MIRROR
A1
A2
MAX4081
Figure 3. MAX4081 Functional Diagram
Figure 2. MAX4080 Functional Diagram
Note: For Gain = 5 (F), RG1 = RG2 = 160k.
For Gain = 20 (T), RG1 = RG2 = 60k.
For Gain = 60 (S), RG1 = RG2 = 20k.


Similar Part No. - MAX4080FASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080FASA++ MAXIM-MAX4080FASA+ Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results

Similar Description - MAX4080FASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com