Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4080TAUA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4080TAUA+
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4080TAUA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4080TAUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX4080TAUA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = VRS+ = 4.5V to 76V, VREF1A = VREF1B = 5V (MAX4081 only), VSENSE = (VRS+ - VRS-) = 0, RLOAD = 100kΩ, CLOAD = 20pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
MAX4080F/T/S
250
Bandwidth
BW
VCC = VRS+ =
48V, VOUT = 2.5V
MAX4081F/T/S
150
kHz
VSENSE = 10mV to 100mV
20
OUT Settling Time to 1% of Final
Value
VSENSE = 100mV to 10mV
20
µs
Capacitive-Load Stability
No sustained oscillations
500
pF
Output Resistance
ROUT
VSENSE = 100mV
0.1
Ω
Power-Up Time
VCC = VRS+ = 48V, VSENSE = 100mV (Note 9)
50
µs
Saturation Recovery Time
(Notes 9,10)
50
µs
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: VREF is defined as the average voltage of VREF1A and VREF1B. REF1B is usually connected to REF1A or GND.
VSENSE is defined as VRS+ - VRS-.
Note 3: The common-mode range at the low end of 4.5V applies to the most positive potential at RS+ or RS-. Depending on the
polarity of VSENSE and the device’s gain, either RS+ or RS- can extend below 4.5V by the device’s typical full-scale value of
VSENSE.
Note 4: Negative VSENSE applies to MAX4081 only.
Note 5: VSENSE is:
MAX4080F, 10mV to 1000mV
MAX4080T, 10mV to 250mV
MAX4080S, 10mV to 100mV
MAX4081F, -500mV to +500mV
MAX4081T, -125mV to +125mV
MAX4081S, -50mV to +50mV
Note 6: VOS is extrapolated from the gain accuracy test for the MAX4080 and measured as (VOUT - VREF)/AV at VSENSE = 0V, for the
MAX4081.
Note 7: VSENSE is:
MAX4080F, 500mV
MAX4080T, 125mV
MAX4080S, 50mV
MAX4081F/T/S, 0V
VREF1B = VREF1A = 2.5V
Note 8: Output voltage is internally clamped not to exceed 18V.
Note 9: Output settles to within 1% of final value.
Note 10: The device will not experience phase reversal when overdriven.


Similar Part No. - MAX4080TAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080TAUA++ MAXIM-MAX4080TAUA+ Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results

Similar Description - MAX4080TAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com