Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82D20R Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82D20R
Description  27MHz One Channel RX 8-Bit MCU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D20R Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82D20R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
HT82D20R/HT82D20A
Rev. 1.00
9
November 3, 2009
Data Memory
- RAM for Bank 1
The special function registers used in the USB interface
are located in RAM Bank1. In order to access Bank1
register, only the Indirect addressing pointer MP1 can
be used and the Bank register BP should be set to 1.
The RAM bank 1 mapping is as shown.
Address 00H~1FH in RAM Bank0 and Bank1 are lo-
cated in the same Registers
Indirect Addressing Register
Locations 00H and 02H are indirect addressing regis-
ters (IAR0:00H; IAR1:02H) that are not physically imple-
mented. Any read/write operation on [00H] ([02H]) will
access the data memory pointed to by MP0 (MP1).
Reading location 00H (02H) indirectly will return the re-
sult 00H. Writing indirectly results in no operation.
The indirect addressing pointer (MP0) always points to
Bank0 RAM addresses no matter the value of Bank
Register (BP).
The indirect addressing pointer (MP1) can access
Bank0 or Bank1 RAM data according to the value of BP
which is set to 0 or 1 respectively.
The memory pointer registers (MP0 and MP1) are 7-bit
registers.
Accumulator
The accumulator is closely related to ALU operations. It
is also mapped to location 05H of the data memory and
can carry out immediate data operations. The data
movement between two data memory locations must
pass through the accumulator.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions. The ALU provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ ....)
The ALU not only saves the results of a data operation
but also changes the status register.
Status Register
- STATUS
This 8-bit register (0AH) contains the zero flag (Z), carry
flag (C), auxiliary carry flag (AC), overflow flag (OV),
power down flag (PDF), and watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
With the exception of the TO and PDF flags, bits in the
status register can be altered by instructions like most
other registers. Any data written into the status register
will not change the TO or PDF flag. In addition, opera-
tions related to the status register may give different re-
sults from those intended.
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R H
T M R L
T M R C
P A
P A C
P B
P B C
U S C
U S R
S C C
T B H P
P i p e _ c t r l
A W R
S T A L L
P I P E
S I E S
M I S C
F I F O 0
F I F O 1
B a n k 1
1 9 H
4 2 H
4 3 H
4 4 H
4 5 H
4 6 H
4 7 H
4 8 H
4 9 H
4 1 H
Bank 1 RAM Mapping


Similar Part No. - HT82D20R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D20R HOLTEK-HT82D20R Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
More results

Similar Description - HT82D20R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82D22R HOLTEK-HT82D22R Datasheet
300Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
   27MHz Keyboard/ Mouse TX 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803B EMC-EM78P803B Datasheet
543Kb / 44P
   8-bit MCU
logo
Holtek Semiconductor In...
HT95R24 HOLTEK-HT95R24 Datasheet
365Kb / 53P
   Phone 8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com