Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXLD140 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # CXLD140
Description  16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CXLD140 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button CXLD140 Datasheet HTML 3Page - Maxim Integrated Products CXLD140 Datasheet HTML 4Page - Maxim Integrated Products CXLD140 Datasheet HTML 5Page - Maxim Integrated Products CXLD140 Datasheet HTML 6Page - Maxim Integrated Products CXLD140 Datasheet HTML 7Page - Maxim Integrated Products CXLD140 Datasheet HTML 8Page - Maxim Integrated Products CXLD140 Datasheet HTML 9Page - Maxim Integrated Products CXLD140 Datasheet HTML 10Page - Maxim Integrated Products CXLD140 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
_______________________________________________________________________________________
7
LX
SS
ON
OFF
SHDN
GND
INPUT
2.6V TO 5.5V
VOLTAGE
SELECT
OUTPUT
0.75V TO VIN
PGND
C1
10
µF
C4
0.47
µF
R1
100
C2
22
µF
C3
1000pF
L1
3.3
µH
OUT
INP
IN
1.2A
D1
D2
MAX1556
MAX1556A
Figure 2. MAX1556 Typical Application Circuit
Figure 1. Functional Diagram
LX
SS
ON
OFF
SHDN
GND
INPUT
2.6V TO 5.5V
VOLTAGE
SELECT
OUTPUT
0.75V TO VIN
PGND
C4
10
µF
C5
22
µF
C6
1000pF
L2
4.7
µH
OUT
INP
IN
600mA
D1
D2
MAX1557
Figure 3. MAX1557 Typical Application Circuit
PWM
COMPARATOR
ERROR
AMPLIFIER
CURRENT-LIMIT
COMPARATOR
0.675V
CURRENT
SENSE
SLOPE
COMP
CLOCK
1MHz
INP
LX
PGND
SS
GND
PWM
AUTO SKIP
CONTROL
SKIP-OVER
ENTER SKIP/
SR OFF
VCS
ZERO-CROSS
DETECT
SHORT-CIRCUIT
PROTECTION
REFERENCE
1.25V
OUT
D1
D2
SHDN
IN
BIAS
OUTPUT
VOLTAGE
SELECTOR
MAX1556
MAX1556A
MAX1557


Similar Part No. - CXLD140

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CXL-GP WILLOW-CXL-GP Datasheet
435Kb / 2P
   Small, Low-Cost
logo
List of Unclassifed Man...
CXL02TG3 ETC2-CXL02TG3 Datasheet
391Kb / 2P
   HIGH PERFORMANCE ACCELEROMETER
logo
Willow Technologies Ltd
CXL02TG3 WILLOW-CXL02TG3 Datasheet
391Kb / 2P
   High Stability
logo
List of Unclassifed Man...
CXL04GP1 ETC2-CXL04GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
logo
Willow Technologies Ltd
CXL04GP1 WILLOW-CXL04GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
More results

Similar Description - CXLD140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
   16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com