Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A36 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT86A36
Description  A/D Type Voice 8-Bit MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT86A36 Datasheet HTML 1Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 2Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86A36 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
Pad Assignment
HT86A36
Chip Size: 2655
´ 2725 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
HT86Axx/HT86ARxx
Rev. 1.00
4
March 19, 2010
( 0 , 0 )
1
2
3
4
5
6
7
8
9
1 0
1 1 1 2 1 3
1 4 1 5 1 6 1 7 1 8
1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9
3 0
3 1
3 2
3 3
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
4 5
4 4
4 3
4 2
4 6
4 7
4 8
4 9
5 0
5 1
5 2
5 3
5 4
5 5
5 6
5 7
5 8
5 9
6 0
6 1
6 2
6 3
6 4
6 5
6 6
6 7


Similar Part No. - HT86A36

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
468Kb / 68P
   A/D Type Voice 8-Bit MCU
HT86A36 HOLTEK-HT86A36_12 Datasheet
468Kb / 68P
   A/D Type Voice 8-Bit MCU
More results

Similar Description - HT86A36

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36_12 Datasheet
468Kb / 68P
   A/D Type Voice 8-Bit MCU
HT86AXX HOLTEK-HT86AXX Datasheet
428Kb / 68P
   A/D Type Voice 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com