Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11106ATB+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11106ATB+
Description  2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11106ATB+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11106ATB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11106ATB+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
_______________________________________________________________________________________ 7
2Msps/3Msps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11111/MAX11115/MAX11116)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD, fSCLK = 48MHz, 50% duty cycle, 3Msps (MAX11111/MAX11116); fSCLK = 32MHz,
50% duty cycle, 2Msps (MAX11115), CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA =
+25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
8 bits
8
Bits
Integral Nonlinearity
INL
Q
0.25
LSB
Differential Nonlinearity
DNL
No missing codes
Q
0.25
LSB
Offset Error
OE
Q
0.45
Q
0.75
LSB
Gain Error
GE
Excluding offset and reference errors
Q
0.04
Q
0.5
LSB
Total Unadjusted Error
TUE
Q
0.75
LSB
Channel-to-Channel Offset
Matching
MAX11111
0.025
LSB
Channel-to-Channel Gain
Matching
MAX11111
0.025
LSB
DYNAMIC PERFORMANCE (MAX11111/MAX11116: fIN = 1MHz, MAX11115: fIN = 500kHz)
Signal-to-Noise and Distortion
SINAD
MAX11111/MAX11116
49
49.5
dB
MAX11115
49
49.5
Signal-to-Noise Ratio
SNR
MAX11111/MAX11116
49
49.5
dB
MAX11115
49
49.5
Total Harmonic Distortion
THD
MAX11111/MAX11116
-70
-66
dB
MAX11115
-75
-67
Spurious-Free Dynamic Range
SFDR
MAX11111/MAX11116
63
66
dB
MAX11115
63
66
Intermodulation Distortion
IMD
f1 = 1.0003MHz, f2 = 0.99955MHz
(MAX11111/MAX11116);
f1 = 500.15kHz, f2 = 499.56kHz
(MAX11115)
-65
dB
Full-Power Bandwidth
-3dB point
40
MHz
Full-Linear Bandwidth
SINAD > 49dB
2.5
MHz
Small-Signal Bandwidth
45
MHz
Crosstalk
MAX11111
-90
dB
CONVERSION RATE
Throughput
MAX11111/MAX11116
0.03
3
Msps
MAX11115
0.02
2
Conversion Time
MAX11111/MAX11116
260
ns
MAX11115
391
Acquisition Time
tACQ
52
ns
Aperture Delay
From CS falling edge
4
ns
Aperture Jitter
15
ps
Serial-Clock Frequency
fCLK
MAX11111/MAX11116
0.48
48
MHz
MAX11115
0.32
32


Similar Part No. - MAX11106ATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11106ATB++ MAXIM-MAX11106ATB+ Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
More results

Similar Description - MAX11106ATB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102 MAXIM-MAX11102_11 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs 2.2V to 3.6V Supply Voltage
Rev 4; 2/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com