Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-1986164 Datasheet(PDF) 1 Page - Tyco Electronics

Part # C-1986164
Description  SOLAR CABLE, UL-LISTED, IO AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

C-1986164 Datasheet(HTML) 1 Page - Tyco Electronics

  C-1986164 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - C-1986164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1986160 MACOM-C-1986160 Datasheet
95Kb / 1P
   PLUG HOUSING TERMINAL BLOCK, CRIMP STYLE, 5.08mm PITCH
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
C-1986166 MACOM-C-1986166 Datasheet
82Kb / 1P
   SOLAR CABLE, UL-LISTED, 14AWG
More results

Similar Description - C-1986164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-1986165 MACOM-C-1986165 Datasheet
81Kb / 1P
   SOLAR CABLE, UL-LISTED, 12AWG
C-1986166 MACOM-C-1986166 Datasheet
82Kb / 1P
   SOLAR CABLE, UL-LISTED, 14AWG
logo
General Cable Technolog...
03706.35.10 GENERAL-03706.35.10 Datasheet
58Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
03702.35.10 GENERAL-03702.35.10 Datasheet
63Kb / 1P
   Bus Drop Cable 60쨘C 600 Volt UL Listed
logo
List of Unclassifed Man...
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
   UL Listed Threaded Safety Plunger
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
Schneider Electric
HTRS101C SCHNEIDER-HTRS101C Datasheet
57Kb / 2P
   METER SOCKET 100A OH/UG RINGLESS NOT UL LISTED
logo
Eaton All Rights Reserv...
SPP40SP1120SN EATON-SPP40SP1120SN Datasheet
1Mb / 4P
   SurgePOD??PRO UL Listed Type 1 surge protective devices
logo
Schneider Electric
RS230C SCHNEIDER-RS230C Datasheet
97Kb / 2P
   METER SOCKET 200A 1PH OH/UG NOT UL LISTED
logo
Hirose Electric
KW30 HIROSE-KW30 Datasheet
395Kb / 12P
   1mm Pitch, Single Row, Center Lock, Wire-to-Board Connector (UL/C-UL Listed)
Jul. 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com