Electronic Components Datasheet Search |
|
MAX13450EAUD+ Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX13450EAUD+ Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 17 page RS-485 Transceivers with Integrated 100Ω/120Ω Termination Resistors _______________________________________________________________________________________ 7 Typical Operating Characteristics (continued) (VCC = +5V, VL = +1.8V, TA = +25NC, unless otherwise noted.) 100Ω TERMINATION RESISTOR vs. FREQUENCY FREQUENCY (MHz) 10 1 20 40 60 80 100 120 140 0 0.1 100 0 -10 -20 -30 MAX13450E/51E toc11 R100 MAGNITUDE R100 PHASE 120Ω TERMINATION RESISTOR vs. FREQUENCY FREQUENCY (MHz) 10 1 20 40 60 80 100 120 140 0 0.1 100 0 -10 -20 -30 MAX13450E/51E toc12 R120 MAGNITUDE R120 PHASE DRIVER DIFFERENTIAL OUTPUT VOLTAGE vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 1 2 3 4 5 0 -40 125 RDIFF = 54Ω TERMINATION RESISTANCE vs. TEMPERATURE TEMPERATURE (°C) 110 95 80 65 50 35 20 5 -10 -25 90 100 110 120 130 80 -40 125 120 Ω RESISTOR 100 Ω RESISTOR DRIVER PROPAGATION DELAY (250kbps) (MAX13451E) MAX13450E/51E toc14 1µs/div DI 1V/div A 1V/div B 1V/div SRL = HIGH DE = HIGH RE = HIGH DRIVER ENABLE TIME FROM SHUTDOWN (MAX13451E) MAX13450E/51E toc15 200ns/div DE 2V/div A 2V/div B 2V/div SRL = LOW RE = HIGH |
Similar Part No. - MAX13450EAUD+ |
|
Similar Description - MAX13450EAUD+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |