Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14548E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14548E
Description  100Mbps, 16-Channel LLTs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14548E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14548E Datasheet HTML 5Page - Maxim Integrated Products MAX14548E Datasheet HTML 6Page - Maxim Integrated Products MAX14548E Datasheet HTML 7Page - Maxim Integrated Products MAX14548E Datasheet HTML 8Page - Maxim Integrated Products MAX14548E Datasheet HTML 9Page - Maxim Integrated Products MAX14548E Datasheet HTML 10Page - Maxim Integrated Products MAX14548E Datasheet HTML 11Page - Maxim Integrated Products MAX14548E Datasheet HTML 12Page - Maxim Integrated Products MAX14548E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
100Mbps, 16-Channel LLTs
9
Typical Operating Characteristics (continued)
(VCC = 1.8V, VL = 1.4V, CL = 15pF, RSOURCE = 150I, data rate = 100Mbps, push-pull driver, TA = +25NC, unless otherwise noted.)
TYPICAL I/O VCC_ DRIVING
(DATA RATE = 100Mbps, CIOVL = 10pF),
PF = LOW, MAX14548E
MAX14548E toc15
I/O VCC
1V/div
I/O VL
1V/div
10ns/div
TYPICAL I/O VL_ DRIVING
(DATA RATE = 40Mbps, CIOVCC = 47pF),
PF = HIGH, MAX14548E
MAX14548E toc14
I/O VL
1V/div
I/O VCC
1V/div
20ns/div
TYPICAL I/O VL_ DRIVING
(DATA RATE = 100Mbps, CIOVCC = 10pF),
PF = LOW, MAX14548E
MAX14548E toc13
I/O VL
1V/div
I/O VCC
1V/div
10ns/div
PROPAGATION DELAY vs. CAPACITIVE LOAD
ON I/O VL (DRIVING ONE I/O VCC)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
CAPACITIVE LOAD (pF)
40
30
20
10
50
DATA RATE = 40Mbps
tPVCC-VL
MAX14548E
(PF HIGH)
tPVCC-VL
MAX14548E
(PF LOW)
tPVCC-VL
MAX14548AE
(PF LOW)
tPVCC-VL
MAX14548AE
(PF HIGH)
PROPAGATION DELAY vs. CAPACITIVE
LOAD ON I/O VCC (DRIVING ONE I/O VL)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
DATA RATE = 40Mbps
CAPACITIVE LOAD (pF)
40
30
20
10
50
tPVL-VCC
MAX14548E
(PF LOW)
tPVL-VCC
MAX14548AE
(PF LOW)
tPVL-VCC
MAX14548E
(PF HIGH)
tPVL-VCC
MAX14548AE
(PF HIGH)
FALL TIME vs. CAPACITIVE LOAD
ON I/O VL (DRIVING ONE I/O VCC)
CAPACITIVE LOAD (pF)
40
30
20
0.5
1.0
1.5
2.0
2.5
0
10
50
tFVL
MAX14548AE (PF HIGH)
tFVL
MAX14548E (PF HIGH)
tRVL
MAX14548AE
(PF LOW)
tRVL
MAX14548E
(PF LOW)
DATA RATE = 40Mbps


Similar Part No. - MAX14548E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1454 MAXIM-MAX1454 Datasheet
1Mb / 25P
   Precision Sensor Signal Conditioner with Overvoltage Protection
Rev 0; 6/11
MAX1454 MAXIM-MAX1454 Datasheet
1Mb / 25P
   Precision Sensor Signal Conditioner with Overvoltage Protection
19-5945 Rev 0; 6/11
MAX14541E MAXIM-MAX14541E Datasheet
874Kb / 8P
   3-Channel, Low-Leakage ESD Protector
Rev 0; 4/09
MAX14541EAXK+T MAXIM-MAX14541EAXK+T Datasheet
874Kb / 8P
   3-Channel, Low-Leakage ESD Protector
Rev 0; 4/09
MAX14544 MAXIM-MAX14544 Datasheet
1Mb / 10P
   28V-Capable, ILIM VBUS Accessory Switch
Rev 0; 1/10
More results

Similar Description - MAX14548E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE100-S16R ETC2-TE100-S16R Datasheet
465Kb / 2P
   16-Port 10/100Mbps Fast Ethernet Switch
logo
Maxim Integrated Produc...
MAX13035EEVKIT MAXIM-MAX13035EEVKIT Datasheet
389Kb / 7P
   100Mbps Guaranteed Data Rates
Rev 2; 12/20
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
List of Unclassifed Man...
TL-SF1016DS ETC2-TL-SF1016DS Datasheet
848Kb / 3P
   10/100Mbps Desktop/Rackmount Switch
logo
Linear Technology
LTC1688 LINER-LTC1688 Datasheet
160Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Linear Technology
LTC1688 LINER-LTC1688_15 Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
logo
List of Unclassifed Man...
TL-SF1005D ETC2-TL-SF1005D Datasheet
1Mb / 2P
   5-Port 10/100Mbps Desktop Switch
logo
Zarlink Semiconductor I...
MDS212 ZARLINK-MDS212 Datasheet
1Mb / 111P
   12-Port 10/100Mbps Ethernet Switch
logo
Linear Dimensions Semic...
LTC1688IS LINEAR_DIMENSIONS-LTC1688IS Datasheet
229Kb / 12P
   100Mbps RS485 Hot Swapable Quad Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com