Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13431EEUB+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX13431EEUB+
Description  RS-485 Transceivers with Low-Voltage Logic Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13431EEUB+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX13431EEUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
RS-485 Transceivers with Low-Voltage
Logic Interface
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3V to +5.5V, VL = +1.8V to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are VCC = +5V, VL = +1.8V at
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = +12V
125
Output Leakage Current
(Y and Z)
IOLK
DE = GND,
VCC = VGND or +5.5V
VIN = -7V
-100
µA
0
≤ VOUT ≤ +12V
+250
Driver Short-Circuit Output
Current (Note 5)
IOSD
-7V
≤ VOUT ≤ VCC
-250
mA
(VCC - 1V)
≤ VOUT ≤ +12V
15
Driver Short-Circuit Output
Foldback Current (Note 5)
IOSDF
-7V
≤ VOUT ≤ +1V
-15
mA
Thermal Shutdown Threshold
TTS
+150
°C
Thermal Shutdown Hysteresis
TTSH
15
°C
RECEIVER
VCM = +12V
125
Input Current (A and B)
IA, B
DE = GND,
VCC = VGND or +5.5V
VCM = -7V
-100
µA
Receiver Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
-50
mV
Receiver Input Hysteresis
ΔVTH
VCM = 0
15
mV
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ +12V
96
k
Ω
LOGIC INTERFACE
Input High Logic Level
(DI, DE, RE)
VIH
2/3 x
VL
V
Input Low Logic Level
(DI, DE, RE)
VIL
1/3 x
VL
V
Input Current (DI, DE, RE)IIN
VDI = VDE = VRE = VL = +5.5V
±1
µA
Input Impedance on First
Transition
RDE, RE
110
k
Ω
Output High Logic Level (RO)
VOH
IO = -1mA, VA - VB = VTH
VL - 0.4
V
Output Low Logic Level (RO)
VOL
IO = 1mA, VA - VB = -VTH
0.4
V
Receiver Three-State Output
Current (RO)
IOZR
0
≤ VRO ≤ VL
-1
0.01
+1
µA
Receiver Output Short-Circuit
Current (RO)
IOSR
0
≤ VRO ≤ VL
-110
+110
mA
ESD PROTECTION
IEC 61000-4-2 Air Gap Discharge
±15
IEC 61000-4-2 Contact Discharge
±10
A, B, Y, Z to GND
Human Body Model
±30
kV
All Other Pins
(Except A, B, Y, and Z)
Human Body Model
±2
kV


Similar Part No. - MAX13431EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
More results

Similar Description - MAX13431EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com