Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13431EEUB+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX13431EEUB+
Description  RS-485 Transceivers with Low-Voltage Logic Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13431EEUB+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX13431EEUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
RS-485 Transceivers with Low-Voltage
Logic Interface
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS (MAX13431E/MAX13433E (16Mbps))
(VCC = +3V to +5.5V, VL = +1.8V to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are VCC = +5V, VL = +1.8V at
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
tDPLH
50
Driver Propagation Delay
(Figures 2 and 3)
tDPHL
CL = 50pF, RDIFF = 54
Ω
50
ns
Driver Differential Output Rise or
Fall Time
tR, tF
CL = 50pF, RL = 54
Ω, Figures 2 and 3
15
ns
Differential Driver Output Skew
|tDPLH - tDPHL|
tDSKEW
CL = 50pF, RL = 54
Ω, Figures 2 and 3
8
ns
Maximum Data Rate
16
Mbps
Driver Enable to Output High
tDZH
CL = 50pF, RL = 500
Ω, Figure 4
150
ns
Driver Enable to Output Low
tDZL
CL = 50pF, RL = 500
Ω, Figure 5
150
ns
Driver Disable Time from Low
tDLZ
CL = 50pF, RL = 500
Ω, Figure 4
100
ns
Driver Disable Time from High
tDHZ
CL = 50pF, RL = 500
Ω, Figure 5
120
ns
Driver Enable from Shutdown
to Output High
tDZH(SHDN) CL = 50pF, RL = 500
Ω, Figure 4
5
µs
Driver Enable from Shutdown
to Output Low
tDZL(SHDN) CL = 50pF, RL = 500
Ω, Figure 5
5
µs
RECEIVER
tRPLH
80
Receiver Propagation Delay
(Figures 6 and 7)
tRPHL
CL = 15pF
80
ns
Receiver Output Skew
tRSKEW
CL = 15pF, Figures 6 and 7
13
ns
Maximum Data Rate
16
Mbps
Receiver Enable to Output Low
tRZL
Figure 8
50
ns
Receiver Enable to Output High
tRZH
Figure 8
50
ns
Receiver Disable Time from Low
tRLZ
Figure 8
50
ns
Receiver Disable Time from High
tRHZ
Figure 8
50
ns
Receiver Enable from
Shutdown to Output High
tRZH(SHDN) Figure 8
5
µs
Receiver Enable from
Shutdown to Output Low
tRZL(SHDN) Figure 8
5
µs
DRIVER/RECEIVER
Time to Shutdown
tSHDN
50
340
700
ns


Similar Part No. - MAX13431EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
More results

Similar Description - MAX13431EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_09 Datasheet
225Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 1; 5/09
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com