Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9719CEBE+TG45 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9719CEBE+TG45
Description  Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9719CEBE+TG45 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9719CEBE+TG45 Datasheet HTML 4Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 5Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 6Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 7Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 8Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 9Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 10Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 11Page - Maxim Integrated Products MAX9719CEBE+TG45 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, CBIAS = 0.1µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
-110
-120
10
100k
CHANNEL 2
CHANNEL 1
VCC = 3V
VRIPPLE = 200mVP-P
RL = 8
CBIAS = 1
µF
ENTERING SHUTDOWN
MAX9718 toc32
100
µs/div
CBIAS = 0.1
µF
VCC = 3V
RL = 8
SHDN
2V/div
OUT+
1V/div
OUT-
1V/div
OUT+ - OUT-
200mV/div
EXITING SHUTDOWN
MAX9718 toc33
4ms/div
CBIAS = 0.1
µF
VCC = 3V
RL = 8
SHDN
2V/div
OUT+
1V/div
OUT-
1V/div
OUT+ - OUT-
200mV/div
ENTERING POWER-DOWN
MAX9718 toc34
100
µs/div
CBIAS = 0.1
µF
VCC = 3V
RL = 8
SHDN
1V/div
OUT+
1V/div
OUT-
1V/div
OUT+ - OUT-
200mV/div
EXITING POWER-DOWN
MAX9718 toc35
SHDN
2V/div
OUT+
1V/div
OUT-
1V/div
4ms/div
CBIAS = 0.1
µF
VCC = 3V
RL = 8
OUT+ - OUT-
200mV/div
CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
-110
-120
10
100k
CHANNEL 2
CHANNEL 1
VCC = 5V
VRIPPLE = 200mVP-P
RL = 8
Ω,
CBIAS = 1
µF


Similar Part No. - MAX9719CEBE+TG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9719CEBE-T MAXIM-MAX9719CEBE-T Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
More results

Similar Description - MAX9719CEBE+TG45

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com