Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16821C Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16821C
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821C Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16821C Datasheet HTML 3Page - Maxim Integrated Products MAX16821C Datasheet HTML 4Page - Maxim Integrated Products MAX16821C Datasheet HTML 5Page - Maxim Integrated Products MAX16821C Datasheet HTML 6Page - Maxim Integrated Products MAX16821C Datasheet HTML 7Page - Maxim Integrated Products MAX16821C Datasheet HTML 8Page - Maxim Integrated Products MAX16821C Datasheet HTML 9Page - Maxim Integrated Products MAX16821C Datasheet HTML 10Page - Maxim Integrated Products MAX16821C Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
PGND
Power-Supply Ground
2, 7
N.C.
No Connection. Not internally connected.
3
DL
Low-Side Gate-Driver Output
4
BST
Boost-Flying Capacitor Connection. Reservoir capacitor connection for the high-side MOSFET driver
supply. Connect a ceramic capacitor between BST and LX.
5
LX
High-Side MOSFET Source Connection
6
DH
High-Side Gate-Driver Output
8, 22, 25
SGND
Signal Ground. SGND is the ground connection for the internal control circuitry. Connect SGND and PGND
together at one point near the IC.
9
CLKOUT
Oscillator Output. If MODE is low, the rising edge of CLKOUT phase shifts from the rising edge of DH by
180°. If MODE is high, the rising edge of CLKOUT phase shifts from the rising edge of DL by 180°.
10
MODE
Buck/Boost Mode Selection Input. Drive MODE low for low-side buck mode operation. Drive MODE high for
boost or high-side buck mode operation. MODE has an internal 5µA pulldown current to ground.
11
EN
Output Enable. Drives EN high or leave unconnected for normal operation. Drive EN low to shut down the
power drivers. EN has an internal 15µA pullup current.
12
RT/SYNC
Switching Frequency Programming. Connect a resistor from RT/SYNC to SGND to set the internal oscillator
frequency. Drive RT/SYNC to synchronize the switching frequency with an external clock.
13
OUTV
Inductor Current-Sense Output. OUTV is an amplifier output voltage proportional to the inductor current.
The voltage at OUTV = 135 x (VCSP - VCSN).
14
I.C.
Internally Connected. Connect to SGND for proper operation.
15
OVI
Overvoltage Protection. When OVI exceeds the programmed output voltage by 12.7%, the low-side and
the high-side drivers are turned off. When OVI falls 20% below the programmed output voltage, the drivers
are turned on after power-on reset and soft-start cycles are completed.
16
CLP
Current-Error-Amplifier Output. Compensate the current loop by connecting an RC network to ground.
17
EAOUT
Voltage-Error-Amplifier Output. Connect EAOUT to the external gain-setting network.
18
EAN
Voltage-Error-Amplifier Inverting Input
19
DIFF
Differential Remote-Sense Amplifier Output. DIFF is the output of a precision amplifier with SENSE+ and
SENSE- as inputs.
20
CSN
Current-Sense Differential Amplifier Negative Input. The differential voltage between CSN and CSP is
amplified internally by the current-sense amplifier (Gain = 34.5) to measure the inductor current.
21
CSP
Current-Sense Differential Amplifier Positive Input. The differential voltage between CSP and CSN is
amplified internally by the current-sense amplifier (Gain = 34.5) to measure the inductor current.
23
SENSE-
Differential LED Current-Sensing Negative Input. Connect SENSE- to the negative side of the LED current-
sense resistor or to the negative feedback point.
24
SENSE+
Differential LED Current-Sensing Positive Input. Connect SENSE+ to the positive side of the LED current-
sense resistor, or to the positive feedback point.
26
IN
Supply Voltage Input. Connect IN to VCC, for a 4.75V to 5.5V input supply range.
27
VCC
Internal +5V Regulator Output. VCC is derived from VIN. Bypass VCC to SGND with 4.7µF and 0.1µF
ceramic capacitors.
28
VDD
Low-Side Driver Supply Voltage
—EP
Exposed Pad. EP is internally connected to SGND. Connect EP to a large-area ground plane for effective
power dissipation. Connect EP to SGND. Do not use as a ground connection.


Similar Part No. - MAX16821C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821C MAXIM-MAX16821C Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821C MAXIM-MAX16821C Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821C MAXIM-MAX16821C Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821CATI++ MAXIM-MAX16821CATI+ Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821CATI++ MAXIM-MAX16821CATI+ Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
More results

Similar Description - MAX16821C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com