Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16839ATT+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16839ATT+
Description  High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16839ATT+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16839ATT+ Datasheet HTML 3Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 4Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 5Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 6Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 7Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 8Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 9Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 10Page - Maxim Integrated Products MAX16839ATT+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
High-Voltage, Linear High-Brightness LED
Driver with Open-LED Fault Detect
8 ______________________________________________________________________________________
The MAX16839 detects an open-LED event when VCS
drops below 30mV for 25µs. When the fault condition
is detected, the LED driver is turned off, and a 2.8mA
current source charges the capacitor between FLTS
and ground, up to 15V or to VIN if VIN is less than 15V.
During subsequent power cycles, if the voltage on FLTS
is greater than 1.65V due to the charge retained in the
FLTS capacitor, the LED driver is turned off. This pro-
vides an open-LED fault-protection feature that can be
disabled by connecting FLTS to ground. In a multistring
application (Figure 2), where all FLTS pins are connected
together, a fault detected on one channel causes other
channels to turn off as well. The retention capability on
the FLTS is dependent on the leakage current and the
value of the capacitor used. If the retention capability is
high, the fault condition could be retained or memorized
for a long period after the supply is turned off.
Thermal Protection
The MAX16839 enters thermal-shutdown mode in the
event of overheating. When the junction temperature
exceeds TJ = +160NC, the internal thermal-protection
circuit turns off the series pass element. The MAX16839
recovers from thermal-shutdown mode when the junc-
tion temperature drops to TJ = +145NC. FLTS does not
assert during an overheating event.
Figure 2. Multistring Application
VIN
VIN
12V
12V
UVLO
50mA
50mA
4Fs
2.5Fs
12V FLTS
LEDGOOD (INTERNAL)
ILED
ILED
t
t
t
t
t
t
VIN = 5V TO 40V
CONNECT TO 5V
SUPPLY OR LEAVE
UNCONNECTED
DIM SIGNAL
DIM
DIM
FLTS
FLTS
FLTS SIGNAL
LEDS
LEDS
CIN =
0.01FF
CIN =
0.01FF
ILED
ILED
IN
SINK
SINK
CS
CS
GND
IN
GND
RCS
RCS
CFLTS =
0.1FF
MAX16839
MAX16839


Similar Part No. - MAX16839ATT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839ATT MAXIM-MAX16839ATT Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
More results

Similar Description - MAX16839ATT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839 MAXIM-MAX16839_11 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 4; 4/11
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com