Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2001T4S Datasheet(PDF) 2 Page - Rohm

Part # RF2001T4S
Description  Fast recovery diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T4S Datasheet(HTML) 2 Page - Rohm

  RF2001T4S_10 Datasheet HTML 1Page - Rohm RF2001T4S_10 Datasheet HTML 2Page - Rohm RF2001T4S_10 Datasheet HTML 3Page - Rohm RF2001T4S_10 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF2001T4S
 
Electrical characteristics curves
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Rth(j-a)
Rth(j-c)
1ms
IM=100mA
IF=1A
300us
time
10
100
1000
0.1
1
10
100
t
Ifsm
0
5
10
15
20
25
30
35
40
45
50
0
1020
3040
Sin(
=180)
DC
D=1/2
1
10
100
1000
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
50
100
150
200
250
300
AVE:236.0A
8.3ms
Ifsm
1cyc
1300
1400
1500
1600
0
5
10
15
20
25
30
AVE:22.6ns
Ta=25
C
IF=0.5A
IR=1A
Irr=0.25*IR
n=10pcs
0
50
100
150
200
250
300
350
400
450
500
10
100
1000
0
5
10
15
20
25
30
1
10
100
1000
10000
100000
1000000
0
50
100 150 200 250 300 350 400 450
Ta=125
C
Ta=75
C
Ta=25
C
Ta=-25
C
Ta=150
C
0.01
0.1
1
10
100
0
200
400
600
800 1000 1200 1400 1600 1800
Ta=-25
C
Ta=125
C
Ta=75
C
Ta=25
C
Ta=150
C
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
trr DISPERSION MAP
f=1MHz
400
420
440
460
480
500
AVE:442.1pF
Ta=25
C
f=1MHz
VR=0V
n=10pcs
Ta=25
C
VR=400V
n=20pcs
AVE:55.8nA
AVE:1399mV
Ta=25
C
IF=20A
n=20pcs
IFSM DISPERSION MAP
2/3
2010.03 - Rev.B
Data Sheet
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - RF2001T4S_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2001T4S ROHM-RF2001T4S_11 Datasheet
988Kb / 4P
   Fast recovery diode
More results

Similar Description - RF2001T4S_10

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com