Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25AA512 Datasheet(PDF) 5 Page - Microchip Technology

Part # 25AA512
Description  512 Kbit SPI Bus Serial EEPROM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA512 Datasheet(HTML) 5 Page - Microchip Technology

  25AA512 Datasheet HTML 1Page - Microchip Technology 25AA512 Datasheet HTML 2Page - Microchip Technology 25AA512 Datasheet HTML 3Page - Microchip Technology 25AA512 Datasheet HTML 4Page - Microchip Technology 25AA512 Datasheet HTML 5Page - Microchip Technology 25AA512 Datasheet HTML 6Page - Microchip Technology 25AA512 Datasheet HTML 7Page - Microchip Technology 25AA512 Datasheet HTML 8Page - Microchip Technology 25AA512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2010 Microchip Technology Inc.
DS22021F-page 5
25AA512
TABLE 1-3:
AC TEST CONDITIONS
FIGURE 1-1:
HOLD TIMING
FIGURE 1-2:
SERIAL INPUT TIMING
AC Waveform:
VLO = 0.2V
VHI = VCC - 0.2V
(Note 1)
VHI = 4.0V
(Note 2)
CL = 30 pF
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
 4.0V
2: For VCC > 4.0V
CS
SCK
SO
SI
HOLD
17
16
16
17
19
18
Don’t Care
5
High-Impedance
n + 1
n
n - 1
n
nn - 1
17
16
17
16
19
18
High-Impedance
n - 2
n + 1
n
n - 2
Don’t Care
CS
SCK
SI
SO
6
5
8
7
11
3
LSB in
MSB in
High-Impedance
12
Mode 1,1
Mode 0,0
2
4


Similar Part No. - 25AA512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25AA512-1/MF MICROCHIP-25AA512-1/MF Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25AA512-1/P MICROCHIP-25AA512-1/P Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25AA512-1/SN MICROCHIP-25AA512-1/SN Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25AA512-E/MF MICROCHIP-25AA512-E/MF Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
More results

Similar Description - 25AA512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
   Automotive 512-Kbit serial SPI bus EEPROM
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
   512 Kbit Serial I짰 Bus EEPROM
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
   512-Kbit serial I짼C bus EEPROM
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com