Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP60G Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GP60G
Description  SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GP60G Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GP60G Datasheet HTML 1Page - Zowie Technology Corporation GP60G Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PATEN
TED
GP60A THRU GP60M
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 6.0 Amperes
FEATURES
MECHANICAL DATA
*
GPRC (Glass Passivated Rectifier Chip) inside
*
Glass passivated cavity-free junction
*
Capable of meeting environmental standards of MIL-S-19500
*
6.0 Amperes operation at TA=55
o
C with no thermal runaway
*
High temperature soldering guaranteed: 260
o
C/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
*
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Case : JEDEC P-600 molded plastic over glass body
Terminals : Plated axial leads , solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position : Any
Weight : 0.07 ounes , 2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=55
o
C
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 6.0 A
Maximum DC reverse current
at rated DC blocking voltage
TA=25
o
C
TA=125
o
C
Typical junction capacitance (NOTE 1)
Operating junction and storage temperature range
SYMBOLS
VRRM
VRMS
VDC
I (AV)
IFSM
VF
IR
CJ
TJ,TSTG
GP60
A
B
D
G
J
K
M
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
6.0
250
1.0
10
100
100
-65 to +175
UNITS
Volts
Volts
Maximum DC blocking voltage
50
100
200
400
600
800
1000
Volts
Volts
Amps
Amps
uA
pF
o
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
Zowie Technology Corporation
REV. : 0
P-600
*Dimensions in inches and (millimeters)
0.360(9.1)
0.052(1.3)
0.048(1.2)
0.340(8.6)
DIA.
DIA.
PATEN
TED
PATEN
TED
TM


Similar Part No. - GP60G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
GP60GL TAITRON-GP60GL Datasheet
133Kb / 4P
   6.0A Sintered Glass Passivated Rectifier
More results

Similar Description - GP60G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20AH ZOWIE-GP20AH Datasheet
62Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP20A ZOWIE-GP20A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP30AH ZOWIE-GP30AH Datasheet
838Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10AH ZOWIE-GP10AH Datasheet
103Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP15A ZOWIE-GP15A Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
RGP30AH ZOWIE-RGP30AH Datasheet
58Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
EGP30AH ZOWIE-EGP30AH Datasheet
213Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com