Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSX301L-30 Datasheet(PDF) 3 Page - Rohm

Part # RSX301L-30
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSX301L-30 Datasheet(HTML) 3 Page - Rohm

  RSX301L-30 Datasheet HTML 1Page - Rohm RSX301L-30 Datasheet HTML 2Page - Rohm RSX301L-30 Datasheet HTML 3Page - Rohm RSX301L-30 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSX301L-30
Diodes
Rev.D
3/3
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
0
1
2
3
4
5
010
20
30
Sin(θ=180)
D=1/2
DC
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
Sin(θ=180)
D=1/2
DC
0
5
10
15
20
25
30
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
No break at 30kV
No break at 30kV
ESD DISPERSION MAP
T
Tj=150℃
D=t/T
t
VR
Io
VR=15V
0A
0V
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
T
Tj=150℃
D=t/T
t
VR
Io
VR=15V
0A
0V


Similar Part No. - RSX301L-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX301L-30 ROHM-RSX301L-30 Datasheet
76Kb / 3P
   Shottky barrier diode
RSX301L-30 ROHM-RSX301L-30 Datasheet
1,011Kb / 4P
   Schottky Barrier Diode
RSX301L-30 ROHM-RSX301L-30 Datasheet
343Kb / 7P
   Schottky Barrier Diode
RSX301L-30 ROHM-RSX301L-30_11 Datasheet
1,011Kb / 4P
   Schottky Barrier Diode
RSX301L-30 ROHM-RSX301L-30_15 Datasheet
343Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RSX301L-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com