Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSX501LA-20 Datasheet(PDF) 1 Page - Rohm

Part # RSX501LA-20
Description  Schottky barrier diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSX501LA-20 Datasheet(HTML) 1 Page - Rohm

  RSX501LA-20 Datasheet HTML 1Page - Rohm RSX501LA-20 Datasheet HTML 2Page - Rohm RSX501LA-20 Datasheet HTML 3Page - Rohm RSX501LA-20 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.A
Schottky barrier diode
RSX501LA-20
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
General rectification
Features
1) Small and Thin power mold
type (PMDT)
2) High reliability.
3) Low IR
Structure
Silicon epitaxial planar
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristic (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.39
V
IF=3.0A
Reverse current
IR
-
-
500
µA
VR=20V
Conditions
Parameter
ROHM : PMDT
2.0
PMDT
4.0±0.1
2.7±0.1
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
1.25±0.1
φ1.55±0.1
      0
0.25±0.05
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
Tstg
Limits
20
5.0
25
Parameter
Reverse voltage (DC)
Average rectified forward current (*1)
Reverse voltage (repetitive peak)
70
Junction temperature
Storage temperature
125
(*1) Alumina substrate at the time of assemble, Tc=90℃ max.
-40 to +125
Forward current surge peak (60Hz・1cyc)


Similar Part No. - RSX501LA-20

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX501LA-20 ROHM-RSX501LA-20 Datasheet
175Kb / 4P
   Schottky barrier diode
More results

Similar Description - RSX501LA-20

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com