Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F526 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 3Page - Microchip Technology PIC16F526 Datasheet HTML 4Page - Microchip Technology PIC16F526 Datasheet HTML 5Page - Microchip Technology PIC16F526 Datasheet HTML 6Page - Microchip Technology PIC16F526 Datasheet HTML 7Page - Microchip Technology PIC16F526 Datasheet HTML 8Page - Microchip Technology PIC16F526 Datasheet HTML 9Page - Microchip Technology PIC16F526 Datasheet HTML 10Page - Microchip Technology PIC16F526 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 7
PIC16F526
1.0
GENERAL DESCRIPTION
The PIC16F526 device from Microchip Technology is
low-cost, high-performance, 8-bit, fully-static, Flash-
based CMOS microcontrollers. It employs a RISC
architecture with only 33 single-word/single-cycle
instructions. All instructions are single cycle (200
s)
except for program branches, which take two cycles.
The PIC16F526 device delivers performance an order
of magnitude higher than their competitors in the same
price category. The 12-bit wide instructions are highly
symmetrical,
resulting
in
a
typical
2:1
code
compression over other 8-bit microcontrollers in its
class. The easy-to-use and easy to remember
instruction set reduces development time significantly.
The PIC16F526 product is equipped with special
features that reduce system cost and power
requirements. The Power-on Reset (POR) and Device
Reset Timer (DRT) eliminate the need for external
Reset circuitry. There are four oscillator configurations
to choose from, including INTRC Internal Oscillator
mode and the power-saving LP (Low-Power) Oscillator
mode. Power-Saving Sleep mode, Watchdog Timer
and code protection features improve system cost,
power and reliability.
The PIC16F526 device is available in the cost-effective
Flash programmable version, which is suitable for
production in any volume. The customer can take full
advantage of Microchip’s price leadership in Flash
programmable microcontrollers, while benefiting from
the Flash programmable flexibility.
The PIC16F526 product is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a ‘C’ compiler, a low-cost development
programmer and a full featured programmer. All the
tools are supported on IBM® PC and compatible
machines.
1.1
Applications
The PIC16F526 device fits in applications ranging from
personal care appliances and security systems to low-
power remote transmitters/receivers. The Flash
technology makes customizing application programs
(transmitter codes,
appliance settings,
receiver
frequencies, etc.) extremely fast and convenient. The
small footprint packages, for through hole or surface
mounting, make these microcontrollers perfect for
applications with space limitations. Low cost, low
power, high performance, ease of use and I/O flexibility
make the PIC16F526 device very versatile even in
areas where no microcontroller use has been
considered before (e.g., timer functions, logic and
PLDs in larger systems and coprocessor applications).
TABLE 1-1:
FEATURES AND MEMORY OF PIC16F526
PIC16F526
Clock
Maximum Frequency of Operation (MHz)
20
Memory
Flash Program Memory
1024
SRAM Data Memory (bytes)
67
Flash Data Memory (bytes)
64
Peripherals
Timer Module(s)
TMR0
Wake-up from Sleep on Pin Change
Yes
Features
I/O Pins
11
Input Pins
1
Internal Pull-ups
Yes
In-Circuit Serial ProgrammingTM
Yes
Number of Instructions
33
Packages
14-pin PDIP, SOIC, TSSOP, QFN
The PIC16F526 device has Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current capability and
precision internal oscillator.
The PIC16F526 device uses serial programming with data pin RB0 and clock pin RB1.


Similar Part No. - PIC16F526

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F526-ICD MICROCHIP-PIC16F526-ICD Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC16F526

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F529T39A MICROCHIP-PIC12F529T39A Datasheet
1Mb / 106P
   14-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC12F510 MICROCHIP-PIC12F510 Datasheet
1Mb / 114P
   8/14-Pin, 8-Bit Flash Microcontroller
2006
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
   8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
PIC12F615 MICROCHIP-PIC12F615_05 Datasheet
177Kb / 4P
   8/14-Pin, 8-Bit Flash Microcontroller Product Brief
2005
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
   8-Pin, 8-Bit Flash Microcontroller
2007
PIC16C505 MICROCHIP-PIC16C505 Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
PIC16F527 MICROCHIP-PIC16F527_12 Datasheet
2Mb / 120P
   20-Pin, 8-Bit Flash Microcontroller
11/29/11
PIC16F570 MICROCHIP-PIC16F570 Datasheet
2Mb / 134P
   28-Pin, 8-Bit Flash Microcontroller
11/29/12 2013
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com