Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F87J72 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F87J72
Description  80-Pin, High-Performance Microcontrollers with Dual Channel AFE, LCD Driver and nanoWatt Technology
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F87J72 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F87J72 Datasheet HTML 6Page - Microchip Technology PIC18F87J72 Datasheet HTML 7Page - Microchip Technology PIC18F87J72 Datasheet HTML 8Page - Microchip Technology PIC18F87J72 Datasheet HTML 9Page - Microchip Technology PIC18F87J72 Datasheet HTML 10Page - Microchip Technology PIC18F87J72 Datasheet HTML 11Page - Microchip Technology PIC18F87J72 Datasheet HTML 12Page - Microchip Technology PIC18F87J72 Datasheet HTML 13Page - Microchip Technology PIC18F87J72 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 480 page
background image
PIC18F87J72 FAMILY
DS39979A-page 10
Preliminary
 2010 Microchip Technology Inc.
1.2
Analog Features
• Dual-Channel, 24-Bit ADC Front End (AFE):
This module contains two synchronous sampling,
 Analog-to-Digital (A/D) Converters, plus sup-
porting Programmable Gain Amplifiers (PGAs)
and an internal voltage reference, to perform
high-accuracy and low noise analog conversions.
The AFE is controlled, and its data read, through
a dedicated, high-speed (20 MHz) SPI interface.
• 12-Bit A/D Converter: In addition to the AFE,
PIC18F87J72 family devices also include a stan-
dard SAR A/D Converter with 12 independent
analog inputs. The module incorporates program-
mable acquisition time, allowing for a channel to
be selected and a conversion to be initiated
without waiting for a sampling period and thus,
reducing code overhead.
• Charge Time Measurement Unit (CTMU): The
CTMU is a flexible analog module that provides
accurate differential time measurement between
pulse sources, as well as asynchronous pulse
generation.
Together with other on-chip analog modules, the
CTMU can precisely measure time, measure
capacitance or relative changes in capacitance, or
generate output pulses that are independent of
the system clock.
1.3
LCD Driver
The on-chip LCD driver includes many features that
make the integration of displays in low-power
applications easier. These include an integrated volt-
age regulator with charge pump that allows contrast
control in software and display operation above device
VDD.
1.4
Other Special Features
• Communications: The PIC18F87J72 family
incorporates a range of serial communication
peripherals, including an Addressable USART, a
separate Enhanced USART that supports
LIN/J2602 specification 1.2, and one Master SSP
module capable of both SPI and I2C™ (Master and
Slave) modes of operation.
• CCP Modules: All devices in the family incorporate
two Capture/Compare/PWM (CCP) modules. Up to
four different time bases may be used to perform
several different operations at once.
• Extended Watchdog Timer (WDT): This
enhanced version incorporates a 16-bit prescaler,
allowing an extended time-out range that is stable
across operating voltage and temperature. See
Section 29.0 “Electrical Characteristics” for
time-out periods.
• Real Time Clock and Calendar Module (RTCC):
The RTCC module is intended for applications
requiring that accurate time be maintained for
extended periods of time with minimum to no
intervention from the CPU.
The module is a 100-year clock and calendar with
automatic leap year detection. The range of the
clock is from 00:00:00 (midnight) on January 1,
2000 to 23:59:59 on December 31, 2099.


Similar Part No. - PIC18F87J72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87J72 MICROCHIP-PIC18F87J72 Datasheet
2Mb / 50P
   Single-Phase Energy Meter Reference Design
2011
PIC18F87J72 MICROCHIP-PIC18F87J72_11 Datasheet
2Mb / 50P
   Single-Phase Energy Meter Reference Design
2011
More results

Similar Description - PIC18F87J72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F87K90 MICROCHIP-PIC18F87K90 Datasheet
4Mb / 566P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC18F87J93 MICROCHIP-PIC18F87J93 Datasheet
821Kb / 54P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver, 12-Bit A/D and nanoWatt Technology
2009
PIC18F6393 MICROCHIP-PIC18F6393_09 Datasheet
1,000Kb / 58P
   64/80-Pin High Performance, Flash Microcontrollers with LCD Driver, 12-Bit ADC and nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com