Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F87K90 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F87K90
Description  64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt XLP Technology
Download  566 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F87K90 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F87K90 Datasheet HTML 6Page - Microchip Technology PIC18F87K90 Datasheet HTML 7Page - Microchip Technology PIC18F87K90 Datasheet HTML 8Page - Microchip Technology PIC18F87K90 Datasheet HTML 9Page - Microchip Technology PIC18F87K90 Datasheet HTML 10Page - Microchip Technology PIC18F87K90 Datasheet HTML 11Page - Microchip Technology PIC18F87K90 Datasheet HTML 12Page - Microchip Technology PIC18F87K90 Datasheet HTML 13Page - Microchip Technology PIC18F87K90 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 566 page
background image
PIC18F87K90 FAMILY
DS39957B-page 10
Preliminary
 2010 Microchip Technology Inc.
The PIC18F87K90 family is also largely pin-compatible
with other PIC18 families, such as the PIC18F8720,
PIC18F8722,
PIC18F85J11,
PIC18F8490,
PIC18F85J90, PIC18F87J90 and PIC18F87J93 families
of microcontrollers with LCD drivers. This allows a new
dimension to the evolution of applications, allowing
developers to select different price points within
Microchip’s PIC18 portfolio, while maintaining a similar
feature set.
1.2
LCD Driver
The on-chip LCD driver includes many features that
ease the integration of displays in low-power
applications. These include an integrated internal
resistor ladder, so bias voltages can be generated
internally. This enables software-controlled contrast
control and eliminates the need for external bias
voltage resistors.
1.3
Other Special Features
• Communications: The PIC18F87K90 family
incorporates a range of serial communication
peripherals including two Enhanced USART, that
support LIN/J2602, and two Master SSP modules
capable of both SPI and I2C™ (Master and Slave)
modes of operation.
• CCP Modules: PIC18F87K90 family devices
incorporate up to seven or five Capture/
Compare/PWM (CCP) modules. Up to six different
time bases can be used to perform several different
operations at once.
• ECCP Modules: The PIC18F87K90 family has
three Enhanced CCP (ECCP) modules to
maximize flexibility in control applications:
- Up to eight different time bases for performing
several different operations at once
- Up to four PWM outputs for each module, for
a total of 12 PWMs
- Other beneficial features, such as polarity
selection, programmable dead time,
auto-shutdown and restart, and Half-Bridge
and Full-Bridge Output modes
• 12-Bit A/D Converter: The PIC18F87K90 family
has differential ADC. It incorporates program-
mable acquisition time, allowing for a channel to
be selected and a conversion to be initiated with-
out waiting for a sampling period, and thus,
reducing code overhead.
• Charge Time Measurement Unit (CTMU): The
CTMU is a flexible analog module that provides accu-
rate differential time measurement between pulse
sources, as well as asynchronous pulse generation.
Together with other on-chip analog modules, the
CTMU can precisely measure time, measure
capacitance or relative changes in capacitance, or
generate output pulses that are independent of the
system clock.
• LP Watchdog Timer (WDT): This enhanced
version incorporates a 22-bit prescaler, allowing
an extended time-out range that is stable across
operating voltage and temperature. See
Section 31.0 “Electrical Characteristics” for
time-out periods.
• Real-Time Clock and Calendar Module (RTCC):
The RTCC module is intended for applications
requiring that accurate time be maintained for
extended periods of time with minimum to no
intervention from the CPU.
The module is a 100-year clock and calendar with
automatic leap year detection. The range of the
clock is from 00:00:00 (midnight) on January 1, 2000
to 23:59:59 on December 31, 2099.
1.4
Details on Individual Family
Members
Devices in the PIC18F87K90 family are available in
64-pin and 80-pin packages. Block diagrams for the
two groups are shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in these
ways:
• Flash Program Memory –
- PIC18FX5K90 (PIC18F65K90 and
PIC18F85K90) – 32 Kbytes
- PIC18FX6K90 (PIC18F66K90 and
PIC18F86K90) – 64 Kbytes
- PIC18FX7K90 (PIC18F67K90 and
PIC18F87K90) – 128 Kbytes
•Data RAM
- All devices except PIC18FX5K90 – 4 Kbytes
- PIC18FX5K90 – 2 Kbytes
• I/O Ports
- PIC18F6XK90 (64-pin devices) – Seven
bidirectional ports
- PIC18F8XK90 (80-pin devices) – Nine
bidirectional ports
• LCD Pixels:
- PIC18F6XK90 – 132 pixels
(33 SEGs x 4 COMs)
- PIC18F8XK90 – 192 pixels
(48 SEGs x 4 COMs)
• CCP Module
- All devices except PIC18FX5K90 have seven
CCP modules, PIC18FX5K90 has only five
CCP modules
•Timers
- All devices except 18FX5K90 have six 8-bit timers
and five 16-bit timers, PIC18FX5K90 has only four
8-bit timers and four 16-bit timers.
• A/D Channels
- All PIC18F8XK90 devices have 24 A/D
channels, all PIC18F6XK90 devices have
16 A/D channels
All other features for devices in this family are identical.
These are summarized in Table 1-1 and Table 1-2.
The pinouts for all devices are listed in Table 1-3 and
Table 1-4.


Similar Part No. - PIC18F87K90

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
4Mb / 550P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
05/02/11
PIC18F87K22 MICROCHIP-PIC18F87K22 Datasheet
5Mb / 12P
   8-bit PIC짰 Microcontrollers
03/12/14
PIC18F87K22-E/MR MICROCHIP-PIC18F87K22-E/MR Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
PIC18F87K22-E/PT MICROCHIP-PIC18F87K22-E/PT Datasheet
4Mb / 548P
   64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
2010
More results

Similar Description - PIC18F87K90

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F85J90 MICROCHIP-PIC18F85J90_10 Datasheet
3Mb / 416P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F86J90-I MICROCHIP-PIC18F86J90-I Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
12/30/09
PIC18F87J90 MICROCHIP-PIC18F87J90 Datasheet
3Mb / 450P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2010
PIC18F85J90 MICROCHIP-PIC18F85J90 Datasheet
6Mb / 411P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6390 MICROCHIP-PIC18F6390_07 Datasheet
7Mb / 414P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC18F6390 MICROCHIP-PIC18F6390 Datasheet
6Mb / 412P
   64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
2004
PIC18F85J11 MICROCHIP-PIC18F85J11 Datasheet
6Mb / 396P
   64/80-Pin High-Performance Microcontrollers with nanoWatt Technology
2007
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
   64-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1527-I MICROCHIP-PIC16LF1527-I Datasheet
2Mb / 354P
   64-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC18F87J93 MICROCHIP-PIC18F87J93 Datasheet
821Kb / 54P
   64/80-Pin, High-Performance Microcontrollers with LCD Driver, 12-Bit A/D and nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com