Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF1XK22 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18LF1XK22
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
Download  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF1XK22 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18LF1XK22 Datasheet HTML 1Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 2Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 3Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 4Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 5Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 6Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 7Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 8Page - Microchip Technology PIC18LF1XK22 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 388 page
background image
PIC18F1XK22/LF1XK22
DS41365D-page 4
Preliminary
 2010 Microchip Technology Inc.
TABLE 1:
DEVICE OVERVIEW
Device
Program Memory
Data Memory
Pins I/O(1)
Bytes
Words
SRAM
(bytes)
Data
EEPROM
(bytes)
PIC18F13K22
PIC18LF13K22
8K
4K
256
256
20
18
12-ch
2
1 / 3
1
1
1
Yes
PIC18F14K22
PIC18LF14K22
16K
8K
512
256
20
18
12-ch
2
1 / 3
1
1
1
Yes
Note 1: One pin is input-only.


Similar Part No. - PIC18LF1XK22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF1XK50 MICROCHIP-PIC18LF1XK50 Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
More results

Similar Description - PIC18LF1XK22

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F720 MICROCHIP-PIC16F720 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1825 MICROCHIP-PIC16F1825 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F13K50 MICROCHIP-PIC18F13K50 Datasheet
6Mb / 414P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F1825-I-ST MICROCHIP-PIC16F1825-I-ST Datasheet
3Mb / 418P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
PIC16F1824 MICROCHIP-PIC16F1824 Datasheet
4Mb / 420P
   14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC18F1XK50 MICROCHIP-PIC18F1XK50 Datasheet
4Mb / 422P
   20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1847 MICROCHIP-PIC16F1847 Datasheet
3Mb / 408P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16F1826 MICROCHIP-PIC16F1826 Datasheet
4Mb / 406P
   18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com