Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8005-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCP8005-H
Description  High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8005-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCP8005-H Datasheet HTML 1Page - Toshiba Semiconductor TPCP8005-H Datasheet HTML 2Page - Toshiba Semiconductor TPCP8005-H Datasheet HTML 3Page - Toshiba Semiconductor TPCP8005-H Datasheet HTML 4Page - Toshiba Semiconductor TPCP8005-H Datasheet HTML 5Page - Toshiba Semiconductor TPCP8005-H Datasheet HTML 6Page - Toshiba Semiconductor TPCP8005-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCP8005-H
2007-12-25
6
1
0.0001
10
100
1000
0.01
0.1
1
10
100
1000
0.01
(2)
(1)
0.001
0.1
rth – tw
Pulse width tw (s)
Single - pulse
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
t =1ms *
VDSS max
t =10ms *
Drain-source voltage VDS (V)
Safe operating area
1
10
0.1
10
1
0.1
100
1000
100
ID max (Pulse) *
* Single – pulse Ta = 25℃
Curves must be derated
linearly with increase in
temperature.


Similar Part No. - TPCP8005-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8005-H TOSHIBA-TPCP8005-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8005-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8018-H TOSHIBA-TPC8018-H Datasheet
475Kb / 7P
   High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
   Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
   Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com