Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C162E16F Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C162E16F
Description  CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C162E16F Datasheet(HTML) 3 Page - Microchip Technology

  RE46C162E16F Datasheet HTML 1Page - Microchip Technology RE46C162E16F Datasheet HTML 2Page - Microchip Technology RE46C162E16F Datasheet HTML 3Page - Microchip Technology RE46C162E16F Datasheet HTML 4Page - Microchip Technology RE46C162E16F Datasheet HTML 5Page - Microchip Technology RE46C162E16F Datasheet HTML 6Page - Microchip Technology RE46C162E16F Datasheet HTML 7Page - Microchip Technology RE46C162E16F Datasheet HTML 8Page - Microchip Technology RE46C162E16F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2010 Microchip Technology Inc.
DS22245A-page 3
RE46C162/163
Typical Applications
Note 1:
Select R5 and R6 for the correct level to test the ion chamber. The voltage level on pin 1 (TSTART) must
be greater than the VIH level to initiate the timer. Pin 1 has an internal 180K nominal pull down which must
be considered.
2:
Select R9 to reduce sensitivity during the timer mode.
3:
R3, R4 and C1 are typical values and may be adjusted to maximize sound pressure.
4:
C2 should be located as close as possible to the device power pins.
5:
Route the pin 8 PC board trace away from pin 7 to avoid coupling.
6:
R8 should be at least 1.5K.
RE46C162 Typical Application – Temporal Horn Pattern
9V
Battery
+
-
1µF
C2
R1
8.2M
R2
390
R8
1.5K
R7
100
To Other
Units
R5
100K
TEST and HUSH
R6
68K
R9
R4
220K
R3
1.5M
C1
.001 µF
C3
.1 µF
Dled
1
2
14
15
16
9
3
4
6
7
8
5
11
10
12
13
TSTART
TONE
IO
LED
VDD
RBIAS
TSTROBE
FEED
GUARD2
GUARD1
DETECT
OSCAP
HS
HB
VSEN
VSS


Similar Part No. - RE46C162E16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E MICROCHIP-RE46C165E Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E16F MICROCHIP-RE46C165E16F Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E16TF MICROCHIP-RE46C165E16TF Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165S MICROCHIP-RE46C165S Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
More results

Similar Description - RE46C162E16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
   CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
   CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com