Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVA16XP140 Datasheet(PDF) 9 Page - Microchip Technology

Part # DVA16XP140
Description  Processor Module and Device Adapter Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVA16XP140 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DVA16XP140 Datasheet HTML 5Page - Microchip Technology DVA16XP140 Datasheet HTML 6Page - Microchip Technology DVA16XP140 Datasheet HTML 7Page - Microchip Technology DVA16XP140 Datasheet HTML 8Page - Microchip Technology DVA16XP140 Datasheet HTML 9Page - Microchip Technology DVA16XP140 Datasheet HTML 10Page - Microchip Technology DVA16XP140 Datasheet HTML 11Page - Microchip Technology DVA16XP140 Datasheet HTML 12Page - Microchip Technology DVA16XP140 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2006 Microchip Technology Inc.
DS51140M-page 9
Processor Module and Device Adapter Specification
5.8
DVA17XXXX0
These device adapters are intended for use with
PICmicro MCU devices supported by the PCM17XA0
processor module. In all processors in EC mode,
OSC/4 is not supported. OSC/4 in EC mode is
supported in DVA17XXXX1 device adapters.
5.9
Emulating a .600 28-Pin Part
When emulating a .600 wide, 28-pin device, an adapter
will be needed to convert the standard .300 wide
socket on the device adapters to the .600 wide socket
on the target board.
There are many adapters available for this purpose,
such as Digi-Key part number A502-ND.
5.10
T1OSC Jumper
Some device adapters are equipped with a 3-pin
jumper to force the device adapter to enable/disable
the Timer1 oscillator circuitry.
When in the “ON” position, the device adapter’s Timer1
oscillator circuitry is always enabled regardless of the
T1OSCEN bit in T1CON.
When in the “OFF” position, the device adapter’s
Timer1 oscillator circuit is enabled/disabled by software
in application code by the T1OSCEN bit in T1CON.
Note:
PCM16XB0/B1, PCM16XE0/E1,
PCM16XK0 and PCM16XL0 do not
support software enable/disable of the
Timer1 circuitry and must use the jumper
to either enable or disable the function (see
Table 5-7 for DVA16XP282, DVA16XP401,
DVA16XL441 and DVA16PQ441).


Similar Part No. - DVA16XP140

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DVA30 EXTECH-DVA30 Datasheet
147Kb / 4P
   AC Voltage and Current Detector
DVA30 EXTECH-DVA30_15 Datasheet
168Kb / 1P
   Non-Contact AC Voltage and Current Detector
logo
VPT, Inc.
DVAB2800D VPT-DVAB2800D Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVAB2805D VPT-DVAB2805D Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVAB2805DFES VPT-DVAB2805DFES Datasheet
774Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results

Similar Description - DVA16XP140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM122ADCW6 ETC1-TM122ADCW6 Datasheet
761Kb / 16P
   DEVICE SPECIFICATION FOR LCD MODULE
logo
Sharp Corporation
LQ084V2DS01 SHARP-LQ084V2DS01 Datasheet
1,023Kb / 16P
   DEVICE SPECIFICATION FOR TFT-LCD Module
LQ9D161 SHARP-LQ9D161 Datasheet
1,018Kb / 20P
   DEVICE SPECIFICATION FOR TFT-LCD module
LQ035Q7DH02F SHARP-LQ035Q7DH02F Datasheet
427Kb / 24P
   DEVICE SPECIFICATION FOR TFT-LCD MODULE
LM057QCTT03 SHARP-LM057QCTT03 Datasheet
1Mb / 25P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM3201921 SHARP-LM3201921 Datasheet
1Mb / 26P
   DEVICE SPECIFICATION for Passive Matrix LCD Module
LM10V335 SHARP-LM10V335 Datasheet
896Kb / 29P
   DEVICE SPECIFICATION for Passive Matrix Color LCD Module
logo
Intel Corporation
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Silicom Ltd.
M1ESC62 SILICOM-M1ESC62 Datasheet
328Kb / 4P
   Protocol Processor ExpressModule Server Adapter
logo
Sharp Corporation
PC900V SHARP-PC900V Datasheet
732Kb / 16P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com